Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9548 Datasheet HTML 39Page - Analog Devices AD9548 Datasheet HTML 40Page - Analog Devices AD9548 Datasheet HTML 41Page - Analog Devices AD9548 Datasheet HTML 42Page - Analog Devices AD9548 Datasheet HTML 43Page - Analog Devices AD9548 Datasheet HTML 44Page - Analog Devices AD9548 Datasheet HTML 45Page - Analog Devices AD9548 Datasheet HTML 46Page - Analog Devices AD9548 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
AD9548
Rev. 0 | Page 43 of 112
The deterministic delay, expressed as tLATENCY in the following
equation is a function of the frequency division factor (Qn) of
the channel divider associated with the zero-delay channel.
tLATENCY = (Qn + 4) × tCLK_IN
or
tLATENCY = (Qn + 5) × tCLK_IN
In addition to deterministic delay, there is random delay (tPROP)
associated with the propagation of the reference signal through
the input reference receiver, as well as the propagation of the
clock signal through the clock distribution logic. The total delay is
tDELAY = tLATENCY + tPROP
The user can compensate for tDELAY by using the phase offset
controls of the device to move the edge timing of the
distribution output signal relative to the input reference edge.
One method is to use the open-loop phase offset registers
(Address 030D to Address 030E) for timing adjustment.
However, be sure to use sufficiently small phase increments to
make the adjustment. Too large a phase step can result in the
clock distribution logic missing a CLKINx edge, thus ruining the
edge alignment process. The appropriate phase increment
depends on the transient response of any external circuitry
connected between the DACOUTx and CLKINx pins.
The other method is to use the closed-loop phase offset registers
(Address 030F to Address 0315) for timing adjustment.
However, be sure to use a sufficiently small phase vs. time profile.
Changing the phase too quickly can cause the DPLL to lose
lock, thus ruining the edge alignment process. Note that the
AD9548 phase slew limit register (Address 0316 to Address 0317)
can be used to limit the rate of change of phase automatically,
thereby mitigating the potential loss-of-lock problem.
To guarantee synchronization of the output dividers, it is
important to make any edge timing adjustments after the
synchronization event. Furthermore, when making timing
adjustments, the distribution outputs can be disabled and then
enabled after the adjustment is complete. This prevents the
device from generating output clock signals during the timing
adjustment process.
Note that the form of zero-delay synchronization described here
does not track propagation time variations within the distribution
clock input path or the reference input path (on or off chip)
over temperature, supply, and so on. It is strictly a one-time
synchronization event.
Synchronization Mask
Each output channel has dedicated synchronization mask bits
(Register 0402, Bits[3:0]). When the mask bit associated with a
particular channel is set, then that channel does not respond to
the synchronization signal. This allows the device to operate
with the masked channels active and the unmasked channels
stalled while they wait for a synchronization pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com