Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9548 Datasheet HTML 51Page - Analog Devices AD9548 Datasheet HTML 52Page - Analog Devices AD9548 Datasheet HTML 53Page - Analog Devices AD9548 Datasheet HTML 54Page - Analog Devices AD9548 Datasheet HTML 55Page - Analog Devices AD9548 Datasheet HTML 56Page - Analog Devices AD9548 Datasheet HTML 57Page - Analog Devices AD9548 Datasheet HTML 58Page - Analog Devices AD9548 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
AD9548
Rev. 0 | Page 55 of 112
I²C SERIAL PORT OPERATION
The I2C interface has the advantage of requiring only two control
pins and is a de facto standard throughout the I2C industry. However,
its disadvantage is programming speed, which is 400 kbps maximum.
The AD9548 I2C port design is based on the I2C fast mode standard
from Philips, so it supports both the 100 kHz standard mode and
400 kHz fast mode. Fast mode imposes a glitch tolerance requirement
on the control signals. That is, the input receivers ignore pulses of
less than 50 ns duration.
The AD9548 I2C port consists of a serial data line (SDA) and a
serial clock line (SCL). In an I2C bus system, the AD9548 is
connected to the serial bus (data bus SDA and clock bus SCL)
as a slave device; that is, no clock is generated by the AD9548.
The AD9548 uses direct 16-bit memory addressing instead of
traditional 8-bit memory addressing.
The AD9548 allows up to seven unique slave devices to occupy
the I2C bus. These are accessed via a 7-bit slave address
transmitted as part of an I2C packet. Only the device with a
matching slave address responds to subsequent I2C commands.
The device slave address is 1001xxx (the three right bits are
determined by the M0 to M2 pins). The four MSBs (1001) are
hard-wired, while the three LSBs (xxx, determined by the M0 to
M2 pins) are programmable via the power-up state of the
multifunction pins (see the Initial Pin Programming section).
I2C Bus Characteristics
A summary of the various I2C protocols appears in Table 33.
Table 33. I2C Bus Abbreviation Definitions
Abbreviation
Definition
S
Start
Sr
Repeated start
P
Stop
A
Acknowledge
A
Nonacknowledge
W
Write
R
Read
The transfer of data is shown in Figure 59. One clock pulse is
generated for each data bit transferred. The data on the SDA line
must be stable during the high period of the clock. The high or
low state of the data line can only change when the clock signal on
the SCL line is low.
DATA LINE
STABLE;
DATA VALID
CHANGE
OF DATA
ALLOWED
SDA
SCL
Figure 59. Valid Bit Transfer
Start/stop functionality is shown in Figure 60. The start condition
is characterized by a high-to-low transition on the SDA line while
SCL is high. The start condition is always generated by the master
to initialize a data transfer. The stop condition is characterized by
a low-to-high transition on the SDA line while SCL is high. The
stop condition is always generated by the master to terminate a
data transfer. Every byte on the SDA line must be eight bits long. Each
byte must be followed by an acknowledge bit; bytes are sent MSB first.
SDA
START CONDITION
STOP CONDITION
SCL
S
P
Figure 60. Start and Stop Conditions
12
89
12
3 TO 7
3 TO 7
89
10
SDA
SCL
S
MSB
ACK FROM
SLAVE-RECEIVER
ACK FROM
SLAVE-RECEIVER
P
Figure 61. Acknowledge Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com