| Electronic Components Datasheet Search |
|
AD9548 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9548 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 112 page ![]() AD9548 Rev. 0 | Page 25 of 112 • Tuning word history control (for holdover operation) Program the Clock Distribution Outputs The clock distribution parameters reside in the 0400 register address space. They include the following: • Output power-down control • Output enable (disabled by default) • Output synchronization • Output mode control • Output divider functionality Program the Reference Inputs The reference input parameters reside in the 0500 register address space. They include the following: • Reference power-down • Reference logic family • Reference profile assignment control • Phase build-out control Program the Reference Profiles The reference profile parameters reside in the 0600 to 0700 register address space. They include the following: • Reference priority • Reference period • Reference period tolerance • Reference validation timer • Reference redetect timer • Digital loop-filter coefficients • Reference prescaler (R-divider) • Feedback dividers (S, U, and V) • Phase and frequency lock detector controls Generate the Reference Acquisition After the registers are programmed, issue an I/O update using Register 0005, Bit 0 to invoke all of the register settings programmed up to this point. If the settings are programmed for manual profile assignment, the DPLL locks to the first available reference that has the highest priority. If the settings are programmed for automatic profile assignment, then write to the reference profile detect register (Address 0A0D) to select the state machines that require starting. Next, issue an I/O update (Address 0005, Bit 0) to start the selected state machines. Upon completion of the reference detection sequence, the DPLL locks to the first available reference with the highest priority. Generate the Output Clock If the registers are programmed for automatic clock distribution synchronization via DPLL phase or frequency lock, the syn- thesized output signal appears at the clock distribution outputs (assuming the output is enabled and that the DDS output signal has been routed to the CLKIN input pins). Otherwise, set and then clear the sync distribution bit (Address 0A02, Bit 1) or use a multifunction pin input (if programmed accordingly) to generate a clock distribution sync pulse, which causes the synthesized output signal to appear at the clock distribution outputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |