Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9548 Datasheet HTML 22Page - Analog Devices AD9548 Datasheet HTML 23Page - Analog Devices AD9548 Datasheet HTML 24Page - Analog Devices AD9548 Datasheet HTML 25Page - Analog Devices AD9548 Datasheet HTML 26Page - Analog Devices AD9548 Datasheet HTML 27Page - Analog Devices AD9548 Datasheet HTML 28Page - Analog Devices AD9548 Datasheet HTML 29Page - Analog Devices AD9548 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
AD9548
Rev. 0 | Page 26 of 112
THEORY OF OPERATION
TW CLAMP
AND
HISTORY
PROG.
DIGITAL
LOOP
FILTER
TDC/PFD
÷R
÷S
DIGITAL PLL CORE
HOLDOVER
LOGIC
CONTROL
LOGIC
LOW NOISE
CLOCK
MULTIPLIER
AMP
SYSCLK PORT
INPUT
REF
MONITOR
IRQ AND
STATUS
LOGIC
DIGITAL
INTERFACE
IRQ
SYSCLKN
SYSCLKP
CLKINN
CLKINP
M0 TO M7
REFA
REFAA
OUT0P
PHASE
CONTROLLER
DDS/DAC
AD9548
4 OR 8
OUT0N
OUT_RSET
OUT1P
OUT1N
OUT2P
OUT2N
OUT3P
OUT3N
POST
DIV
POST
DIV
POST
DIV
POST
DIV
CLOCK
DISTRIBUTION
REFB
REFBB
REFC
REFCC
REFD
REFDD
DIFFERENTIAL
OR
SINGLE-ENDED
EXTERNAL
ANALOG
FILTER
Figure 33. Detailed Block Diagram
OVERVIEW
The AD9548 provides clocking outputs directly related in phase
and frequency to the selected (active) reference but with jitter
characteristics primarily governed by the system clock. The
AD9548 supports up to eight reference inputs and a wide range
of reference frequencies. The core of this product is a digital
phase-locked loop (DPLL). The DPLL has a programmable
digital loop filter that greatly reduces jitter transferred from the
active reference to the output. The AD9548 supports both
manual and automatic holdover. While in holdover, the
AD9548 continues to provide an output as long as the DAC
sample clock is present. The holdover output frequency is a
time average of the output frequency history just prior to the
transition to the holdover condition.
The device offers manual and automatic reference switchover
capability if the active reference is degraded or fails completely.
A direct digital synthesizer (DDS) and integrated DAC consti-
tute a digitally controlled oscillator (DCO). The DCO output is
a sinusoidal signal (450 MHz maximum) at a frequency deter-
mined by the active reference frequency and the programmed
values of the reference prescaler (R) and feedback divider (S).
Although not explicitly shown in Figure 33, the S-divider has
both an integer and fractional component, which is similar to a
fractional-N synthesizer.
The SYSCLKx input provides the sample clock for the DAC,
which is either a directly applied high frequency source or a low
frequency source coupled with the integrated PLL-based
frequency multiplier. The low frequency option also allows for
the use of a crystal resonator connected directly across the
SYSCLKx inputs.
The DAC output routes directly off-chip, where an external
filter removes the sampling artifacts before returning the signal
on-chip at the CLKINx inputs. Once on-chip, an integrated
comparator converts the filtered sinusoidal signal to a clock
signal (square wave) with very fast rise and fall times.
The clock distribution section provides four output drivers.
Each driver is programmable either as a single differential
LVPECL/LVDS output or as a dual single-ended CMOS output.
Furthermore, each of the four outputs has a dedicated 30-bit
programmable postdivider. The clock distribution section
operates at up to 725 MHz. This enables use of a band-pass
reconstruction filter (for example, a SAW filter) to extract a
Nyquist image from the DAC output spectrum, thereby
allowing output frequencies that exceed the typical 450 MHz
limit at the DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com