Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 82 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9548 Datasheet HTML 78Page - Analog Devices AD9548 Datasheet HTML 79Page - Analog Devices AD9548 Datasheet HTML 80Page - Analog Devices AD9548 Datasheet HTML 81Page - Analog Devices AD9548 Datasheet HTML 82Page - Analog Devices AD9548 Datasheet HTML 83Page - Analog Devices AD9548 Datasheet HTML 84Page - Analog Devices AD9548 Datasheet HTML 85Page - Analog Devices AD9548 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
AD9548
Rev. 0 | Page 82 of 112
Table 75. Reference Logic Family
Address
Bits
Bit Name
Description
0501
[7:6]
Ref BB logic family
Select the logic family for the REF BB input receiver (ignored if Bits[5:4] = 00)
00 (default) = disabled
01 = 1.2 V to 1.5 V CMOS
10 = 1.8 V to 2.5 V CMOS
11 = 3.0 V to 3.3 V CMOS
[5:4]
Ref B logic family
Select logic family for REF B input receiver.
00 (default) = differential (REFB/BB is positive/negative input)
01 = 1.2 V to 1.5 V CMOS
10 = 1.8 V to 2.5 V CMOS
11 = 3.0 V to 3.3 V CMOS
[3:2]
Ref AA logic family
The same as Register 0501, Bits[7:6] but for REF AA
[1:0]
Ref A logic family
The same as Register 0501, Bits[5:4] but for REF A
0502
[7:6]
Ref DD logic family
The same as Register 0501, Bits[7:6] but for REF DD
[5:4]
Ref D logic family
The same as Register 0501, Bits[5:4] but for REF D
[3:2]
Ref CC logic family
The same as Register 0501, Bits[7:6] but for REF CC
[1:0]
Ref C logic family
The same as Register 0501, Bits[5:4] but for REF C
Table 76. Manual Reference Profile Selection
Address
Bits
Bit Name
Description
0503
[7]
Enable Ref AA manual
profile
Select manual or automatic reference profile assignment for REF AA
0 (default) = automatic
1 = manual
[6:4]
Ref AA manual profile
Manual profile assignment
000 (default) = Profile 0
001 = Profile 1
010 = Profile 2
011 = Profile 3
100 = Profile 4
101 = Profile 5
110 = Profile 6
111 = Profile 7
[3]
Enable Ref A manual
profile
Same as Register 0503, Bit 7 but for REF A
[2:0]
Ref A manual profile
Same as Register 0503, Bits[6:4] but for REF A
0504
[7]
Enable Ref BB manual
profile
Same as Register 0503, Bit 7 but for REF B
[6:4]
Ref BB manual profile
Same as Register 0503, Bits[6:4] but for REF BB
[3]
Enable Ref B manual
profile
Same as Register 0503, Bit 7 but for REF B
[2:0]
Ref B manual profile
Same as Register 0503, Bits[6:4] but for REF B
0505
[7]
Enable Ref CC manual
profile
Same as Register 0503, Bit 7 but for REF CC
[6:4]
Ref CC manual profile
Same as Register 0503, Bits[6:4] but for REF CC
[3]
Enable Ref C manual
profile
Same as Register 050, Bit 7 but for REF C
[2:0]
Ref C manual profile
Same as Register 0503, Bits[6:4] but for REF C
0506
[7]
Enable Ref DD M
manual profile
Same as Register 0503, Bit 7 but for REF DD
[6:4]
Ref DD manual profile
Same as Register 0503, Bits[6:4] but for REF DD
[3]
Enable Ref D manual
profile
Same as Register 0503, Bit 7 but for REF D
[2:0]
Ref D manual profile
Same as Register 0503, Bits[6:4] but for REF D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com