Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 80 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9548 Datasheet HTML 76Page - Analog Devices AD9548 Datasheet HTML 77Page - Analog Devices AD9548 Datasheet HTML 78Page - Analog Devices AD9548 Datasheet HTML 79Page - Analog Devices AD9548 Datasheet HTML 80Page - Analog Devices AD9548 Datasheet HTML 81Page - Analog Devices AD9548 Datasheet HTML 82Page - Analog Devices AD9548 Datasheet HTML 83Page - Analog Devices AD9548 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
AD9548
Rev. 0 | Page 80 of 112
Address
Bits
Bit Name
Description
0407
[7:6]
Unused
[5]
OUT3 CMOS phase
invert
When the output mode is CMOS, the bit inverts the relative phase between the two
CMOS output pins. Otherwise, this bit is nonfunctional.
0 (default) = not inverted.
1 = inverted.
[4]
OUT3 polarity invert
Invert the polarity of OUT3.
0 (default) = not inverted.
1 = inverted.
[3]
OUT3 drive strength
OUT3 output drive capability control.
0 (default) = CMOS: low drive strength; LVDS: 3.5 mA nominal.
1 = CMOS: normal drive strength; LVDS: 7 mA nominal.
[2:0]
OUT3 mode
OUT3 operating mode select.
000 = CMOS (both pins).
001 = CMOS (positive pin), tristate (negative pin).
010 = tristate (positive pin), CMOS (negative pin).
011 (default) = tristate (both pins).
100 = LVDS.
101 = LVPECL.
110 = reserved.
111 = reserved.
Register 0408 to Register 0417—Distribution Channel Dividers
Table 70. Q0 Divider1
Address
Bits
Bit Name
Description
0408
[7:0]
Q0
Q0 divider, Bits[7:0]
0409
[7:0]
Q0 divider, Bits[15:8]
040A
[7:0]
Q0 divider, Bits[23:16]
040B
[7:6]
Unused
[5:0]
Q0
Q0 divider, Bits[29:24]
1 The default value is 0 (or divide by 1).
Table 71. Q1 Divider1
Address
Bits
Bit Name
Description
040C
[7:0]
Q1
Q1 divider, Bits[7:0]
040D
[7:0]
Q1 divider, Bits[15:8]
040E
[7:0]
Q1 divider, Bits[23:16]
040F
[7:6]
Unused
[5:0]
Q1
Q1 divider, Bits[29:24]
1 The default value is 0 (or divide by 1).
Table 72. Q2 Divider1
Address
Bits
Bit Name
Description
0410
[7:0]
Q2
Q2 divider, Bits[7:0]
0411
[7:0]
Q2 divider, Bits[15:8]
0412
[7:0]
Q2 divider, Bits[23:16]
0413
[7:6]
Unused
[5:0]
Q2
Q2 divider, Bits[29:24]
1 The default value is 0 (or divide by 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com