Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9548 Datasheet HTML 32Page - Analog Devices AD9548 Datasheet HTML 33Page - Analog Devices AD9548 Datasheet HTML 34Page - Analog Devices AD9548 Datasheet HTML 35Page - Analog Devices AD9548 Datasheet HTML 36Page - Analog Devices AD9548 Datasheet HTML 37Page - Analog Devices AD9548 Datasheet HTML 38Page - Analog Devices AD9548 Datasheet HTML 39Page - Analog Devices AD9548 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 112 page
background image
AD9548
Rev. 0 | Page 36 of 112
Note that history accumulation timer = 0 should not be
programmed because it may cause improper device operation.
The control logic performs a calculation of the average tuning
word during the TAVG interval and stores the result in the
holdover history register (Address 0D14 to Address 0D19).
Computation of the average for each TAVG interval is
independent of the previous interval (that is, the average is a
memoryless average as opposed to a true moving average). In
addition, at the end of each TAVG interval, the device generates
an internal strobe pulse. The strobe pulse sets the history
updated bit in the IRQ monitor register (assuming the bit is
enabled via the IRQ mask register). Furthermore, the strobe
pulse is available as an output signal via the multifunction pins
(see the Multifunction Pins (M0 to M7) section).
History accumulation begins whenever the device switches to a
new reference. By default, the device clears any previous history
when it switches to a new reference. Furthermore, the user can
clear the tuning word history under software control via
Register 0A03, Bit 2, or under hardware control via the
multifunction pins (see the Multifunction Pins (M0 to M7)
section). However, the user has the option of programming the
device to retain (rather than clear) the old history by setting the
persistent history bit (Register 031B, Bit 3).
Whenever the tuning word history is nonexistent (that is, after a
power-up, reset, or switchover to a new reference with the
persistent history bit cleared), the device waits for the history
accumulation timer (TAVG) to expire before storing the first
history value in the holdover history register.
In cases where TAVG is quite large (4½ hours, for example), a
problem arises in that the first averaged result does not become
available until the full TAVG interval passes. Thus, it is possible
that as much as 4½ hours can elapse before the first averaged
result is available. If the device has to switch to holdover mode
during this time, a tuning word history is not available.
To alleviate this problem, the user has access to the incremental
average bits in the history mode register (Register 031B,
Bits[2:0]). If the history has been cleared, then this 3-bit value,
K (0 ≤ K ≤ 7), specifies the number of intermediate averages to
take during the first, and only the first, TAVG interval. When
K = 0, no intermediate averages are calculated; therefore, the
first average occurs after interval TAVG (the default operating
mode). However, if K = 4, for example, four intermediate
averages are taken during the first TAVG interval.
These average computations occur at TAVG/16, TAVG/8, TAVG/4,
TAVG/2, and TAVG (notice that the denominator exhibits a
sequence of powers of 2 beginning with TAVG/2K). The calcu-
lation of intermediate averages occurs only during the first
TAVG interval. All subsequent average computations occur at
evenly spaced intervals of TAVG.
LOOP CONTROL STATE MACHINE
The loop control state machine is responsible for monitoring,
initiating, and sequencing changes to the DPLL loop. Generally,
it automatically controls the transition between input references
and the entry and exit of holdover mode. In controlling loop
state changes, the state machine also arbitrates the application
of new loop filter coefficients, divider settings, and phase
detector offsets based on the profile settings. The user can
manually force the device into holdover or free-run mode via
the loop mode register (Address 0A01), as well as force the
selection of a specific input reference.
Switchover
Switchover occurs when the loop controller switches directly
from one input reference to another. Functionally, the AD9548
handles a reference switchover by briefly entering holdover
mode and then immediately recovering. During the switchover
event, however, the AD9548 preserves the status of the lock
detectors to avoid phantom unlock indications.
Holdover
The holdover state of the DPLL is an open-loop operating
mode. That is, the device no longer operates as a closed-loop
system. Instead, the output frequency remains constant and is
dependent on the device programming and availability of
tuning word history.
If a tuning word history exists (see the Frequency Tuning Word
History section), then the holdover frequency is the average
frequency just prior to entering the holdover state. If there is no
tuning word history, then the holdover frequency depends on
the state of the single sample fallback bit in the history mode
register (Register 031B, Bit 4). If the single sample fallback bit is
Logic 0, then the holdover frequency is the frequency defined in
the free running frequency tuning word register (Address 0300
to Address 0305). If the single sample fallback bit is Logic 1, then
the holdover frequency is the last instantaneous frequency output
by the DDS just prior to the device entering holdover mode
(note that this is not the average frequency prior to holdover).
The initial holdover frequency accuracy depends on the loop
bandwidth of the DPLL and the time elapsed to compute a
tuning word history. The longer the historical average, the more
accurate the initial holdover frequency (assuming a drift-free
system clock). Furthermore, the stability of the system clock
establishes the stability and long-term accuracy of the holdover
output frequency. Another consideration is the 48-bit frequency
tuning resolution of the DDS and its relationship to fractional
frequency error, ΔfO/fO, as follows:
O
S
O
O
f
f
f
f
49
2
=
Δ
where, fS is the sample rate of the output DAC, and fO is the DDS
output frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com