Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9548 Datasheet HTML 33Page - Analog Devices AD9548 Datasheet HTML 34Page - Analog Devices AD9548 Datasheet HTML 35Page - Analog Devices AD9548 Datasheet HTML 36Page - Analog Devices AD9548 Datasheet HTML 37Page - Analog Devices AD9548 Datasheet HTML 38Page - Analog Devices AD9548 Datasheet HTML 39Page - Analog Devices AD9548 Datasheet HTML 40Page - Analog Devices AD9548 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
AD9548
Rev. 0 | Page 37 of 112
System Clock Period
The worst-case scenario is maximum fS (1 GHz) and minimum fO
(62.5 MHz), which yields ΔfO/fO = 2.8 × 10−14, less than one part
in 10 trillion.
Many of the user-programmable parameters of the AD9548 have
absolute time units. To make this possible, the AD9548 requires
a priori knowledge of the period of the system clock. To accom-
modate this requirement, the user programs the 21-bit nominal
system clock period in the nominal SYSCLK period register
(Address 0106 to Address 0108). The contents of this register
reflect the actual period of the system clock in femtoseconds.
The user must properly program this register to ensure proper
operation of the device because many of its subsystems rely on
this value.
Recovery from Holdover
When in holdover and a valid reference becomes available, the
device exits holdover operation. The loop state machine restores
the DPLL to closed-loop operation, locks to the selected
reference, and sequences the recovery of all the loop parameters
based on the profile settings for the active reference.
Note that, if the user holdover bit (Register 0A01, Bit 6) is set,
the device does not automatically exit holdover when a valid
reference is available. However, automatic recovery can occur
after clearing the user holdover bit.
System Clock Details
A block diagram of the system clock appears in Figure 45. The
signal at the SYSCLKx input pins becomes the internally
buffered DAC sampling clock (fS) via one of three paths.
SYSTEM CLOCK INPUTS
Functional Description
•
High frequency direct (HF)
The system clock circuit provides a low jitter, stable, high
frequency clock for use by the rest of the chip. The user has the
option of directly driving the SYSCLKx inputs with a high
frequency clock source at the desired system clock rate.
Alternatively, the SYSCLKx input can be configured to operate
in conjunction with the internal SYSCLK PLL. The SYSCLK
PLL can synthesize the system clock by means of a crystal
resonator connected across the SYSCLKx input pins or by
means of direct application of a low frequency clock source.
•
Low frequency synthesized (LF)
•
Crystal resonator synthesized (XTAL)
Note that both the LF and XTAL paths require the use of the
SYSCLK PLL (see the SYSCLK PLL Multiplier section).
The main purpose of the HF path is to allow the direct use of a
high frequency (500 MHz to 1 GHz) external clock source for
clocking the AD9548. This path is optimized for high frequency
and low noise floor. Note that the HF input also provides a path
to SYSCLK PLL (see the SYSCLK PLL Multiplier section),
which includes an input divider (M) programmable for divide-
by -1, -2, -4, or -8. The purpose of the divider is to limit the
frequency at the input to the PLL to less than 150 MHz (the
maximum PFD rate).
The SYSCLKx inputs are internally biased to a dc level of ~1 V.
Take care to ensure that any external connections do not disturb
the dc bias because this may significantly degrade performance.
Generally, the recommendation is that the SYSCLKx inputs be
ac-coupled to the signal source (except when using a crystal
resonator).
2×
÷N
VCO
CALIBRATION
LOCK
DETECT
SYSTEM
CLOCK
÷M
LOOP
FILTER
SYSCLKN
SYSCLKP
SYSCLK_VREG
SYSCLK_LF
HF
XTAL
LF
48
52
53
49
PFD
AND
CHARGE
PUMP
Figure 45. System Clock Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com