Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9548 Datasheet HTML 55Page - Analog Devices AD9548 Datasheet HTML 56Page - Analog Devices AD9548 Datasheet HTML 57Page - Analog Devices AD9548 Datasheet HTML 58Page - Analog Devices AD9548 Datasheet HTML 59Page - Analog Devices AD9548 Datasheet HTML 60Page - Analog Devices AD9548 Datasheet HTML 61Page - Analog Devices AD9548 Datasheet HTML 62Page - Analog Devices AD9548 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
AD9548
Rev. 0 | Page 59 of 112
REGISTER ACCESS RESTRICTIONS
Read and write access to the register map may be restricted
depending on the register in question, the source and direction
of access, and the current state of the device. Each register can
be classified into one or more access types. When more than
one type applies, the most restrictive condition that applies at
the moment is used.
Whenever access is denied to a register, all attempts to read the
register return a 0 byte, and all attempts to write to the register
are ignored. Access to nonexistent registers is handled in the
same way as for a denied register.
Regular Access
Registers with regular access do not fall into any other category.
Both read and write access to registers of this type can be from
either the serial ports or EEPROM controller. However, only
one of these sources can have access to a register at any given
time (access is mutually exclusive). Whenever the EEPROM
controller is active, either in load or store mode, it has exclusive
access to these registers.
Read-Only Access
An R in the Opt column of the register map identifies read-only
registers. Access is available at all times, including when the
EEPROM controller is active.
Exclusion from EEPROM Access
An E in the Opt column of the register map identifies a register
with contents that are inaccessible to the EEPROM. That is, the
contents of this type of register cannot be transferred directly to
the EEPROM or vice versa. Note that read-only registers (R) are
inaccessible to the EEPROM, as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com