Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9548 Datasheet HTML 56Page - Analog Devices AD9548 Datasheet HTML 57Page - Analog Devices AD9548 Datasheet HTML 58Page - Analog Devices AD9548 Datasheet HTML 59Page - Analog Devices AD9548 Datasheet HTML 60Page - Analog Devices AD9548 Datasheet HTML 61Page - Analog Devices AD9548 Datasheet HTML 62Page - Analog Devices AD9548 Datasheet HTML 63Page - Analog Devices AD9548 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
AD9548
Rev. 0 | Page 60 of 112
REGISTER MAP
Table 35.
Addr
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Serial port control and part identification
0000
E
SPI control
Unidirec-
tional
LSB first/
Inc Addr
Soft reset
Long
instruction
Unused
10
0000
Dup
I2C control
Unused
Soft reset
Unused
00
0001
E
Reserved
Unused
0002
R
Reserved
Silicon revision number
01
0003
R
Device ID
48
0004
E
Readback
Unused
Read
buffer
register
00
0005
A, E
I/O update
Unused
I/O update
00
System clock
0100
S
External
loop filter
enable
Charge
pump
mode
(auto/
man)
Charge pump current [2:0]
Lock
detect
timer
disable
Lock detect divider [1:0]
18
0101
S
N-divider [7:0]
28
0102
S
Unused
M-divider
reset
M-divider [1:0]
2×
frequency
multiplier
enable
PLL enable
SYSCLK reference select
[1:0]
45
0103
C
Nom SYSCLK
period
Nominal system clock period (femtoseconds) [15:0]
[1 ns @ 1 ppm accuracy]
40
0104
C
42
0105
C
Unused
Nominal system clock period [20:16]
0F
0106
C
System clock
stability
System clock stability period (milliseconds) [15:0]
01
0107
C
00
0108
C
Unused
System clock stability period (milliseconds) [19:16]
00
General configuration
0200
S
M0
M0 in/out
M0 function [6:0]
00
0201
S
M1
M1 in/out
M1 function [6:0]
00
0202
S
M2
M2 in/out
M2 function [6:0]
00
0203
S
M3
M3 in/out
M3 function [6:0]
00
0204
S
M4
M4 in/out
M4 function [6:0]
00
0205
S
M5
M5 in/out
M5 function [6:0]
00
0206
S
M6
M6 in/out
M6 function [6:0]
00
0207
S
M7
M7 in/out
M7 function [6:0]
00
0208
C
IRQ pin
output mode
Unused
IRQ pin output mode
[1:0]
00
0209
C
IRQ mask
Unused
SYSCLK
unlocked
SYSCLK
locked
Unused
Unused
SYSCLK Cal
complete
SYSCLK Cal
started
00
020A
C
Unused
Distribution
sync
Watchdog
timer
EEPROM
fault
EEPROM
complete
00
020B
C
Switching
Closed
Freerun
Holdover
Freq
unlocked
Freq
locked
Phase
unlocked
Phase
locked
00
020C
C
Unused
History
updated
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
00
020D
C
Ref AA
new profile
Ref AA
validated
Ref AA
fault
cleared
Ref AA
fault
Ref A
new
profile
Ref A
validated
Ref A
fault
cleared
Ref A
fault
00
020E
C
Ref BB
new profile
Ref BB
validated
Ref BB
fault
cleared
Ref BB
fault
Ref B
new
profile
Ref B
validated
Ref B
fault
cleared
Ref B
fault
00
020F
C
Ref CC
new profile
Ref CC
validated
Ref CC
fault
cleared
Ref CC
fault
Ref C
new
profile
Ref C
validated
Ref C
fault
cleared
Ref C
fault
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com