Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9548 Datasheet HTML 37Page - Analog Devices AD9548 Datasheet HTML 38Page - Analog Devices AD9548 Datasheet HTML 39Page - Analog Devices AD9548 Datasheet HTML 40Page - Analog Devices AD9548 Datasheet HTML 41Page - Analog Devices AD9548 Datasheet HTML 42Page - Analog Devices AD9548 Datasheet HTML 43Page - Analog Devices AD9548 Datasheet HTML 44Page - Analog Devices AD9548 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
AD9548
Rev. 0 | Page 41 of 112
of the channel have a dedicated CMOS driver. By default, both
drivers deliver identical signals. However, setting the CMOS
phase invert bit causes the signal on an OUTxN pin to be the
opposite of the signal appearing on the OUTxP pin.
The drive strength bit allows the user to control whether the
output uses weak (0) or strong (1) drive capability (applies to
CMOS and LVDS but not LVPECL). For the CMOS family, the
strong setting implies normal CMOS drive capability, whereas
the weak setting implies low capacitive loading and allows for
reduced EMI. For the LVDS family, the weak setting provides
3.5 mA drive current for standard LVDS operation, whereas the
strong setting provides 7 mA for double terminated or double
voltage LVDS operation. Note that 3.5 mA and 7 mA are the
nominal drive current values when using the internal current
setting resistor.
Output Current Control with an External Resistor
By default, the output drivers have an internal current setting
resistor (3.12 kΩ nominal) that establishes the nominal drive
current for the LVDS and LVPECL operating modes. Instead of
using the internal resistor, the user can set the external
distribution resistor bit (Register 0400, Bit 5) and connect an
external resistor to the OUT_RSET pin. Note that this feature
supports an external resistor value of 3.12 kΩ only, allowing for
tighter control of the output current than is possible by using
the internal current setting resistor. However, if the user elects
to use a nonstandard external resistance, the following
equations provide the output drive current as a function of the
external resistance (R):
R
I
LVDS
8325
.
10
0 =
R
I
LVDS
665
.
21
1 =
R
I
LVPECL
76
.
24
=
The numeric subscript associated with the LVDS output current
corresponds to the logic state of the drive strength bit in the
distribution channel modes register (Address 0404 to Address
0407). For R = 3.12 kΩ, the equations yield ILVDS0 = 3.5 mA,
ILVDS1 = 7.0 mA, and ILVPECL = 8.0 mA. Note that the device
maintains a constant 1.238 V (nominal) across the external
resistor.
Clock Distribution Synchronization
A block diagram of the distribution synchronization
functionality appears in Figure 48. The synchronization
sequence begins with the primary synchronization signal,
which ultimately results in delivery of a synchronization strobe
to the clock distribution logic.
As indicated, the primary synchronization signal originates
from four possible sources.
•
Direct sync source via the sync distribution bit (Register
0A02, Bit 1)
•
Automatic sync source based on frequency or phase lock
detection as controlled via the automatic synchronization
register (Address 0403)
•
Multifunction pin sync source via one of the multifunction
pins (M0 to M7)
•
EEPROM sync source via the EEPROM
All four sources of the primary synchronization signal are logic
OR’d, so any one of them can synchronize the clock distribution
output at any time. When using the multifunction pins, the
synchronization event is the falling edge of the selected signal.
When using the sync distribution bit, the user sets and then
clears the bit. The synchronization event is the clearing
operation; that is, the Logic 1 to Logic 0 transition of the bit.
The primary synchronization signal can synchronize the distri-
bution output directly or it can enable a secondary synchronization
signal. This functionality depends on the two sync source bits in
the distribution synchronization register (Register 0402, Bits[5:4]).
When sync source = 00 (direct), the falling edge of the primary
synchronization signal synchronizes the distribution output
directly.
When sync source = 01, the rising edge of the primary synch-
ronization signal triggers the circuitry that detects a rising edge
of the active input reference. The detection of the rising edge is
what synchronizes the distribution output.
When sync source = 10, the rising edge of the primary synch-
ronization signal triggers the circuitry that detects a rollover of
the DDS accumulator (after processing by the DPLL feedback
divider). This corresponds to the zero crossing of the output of
the phase-to-amplitude converter in the DDS (less the open-
loop phase offset stored in Register 030D to Register 030E). The
detection of the DPLL feedback edge is what synchronizes the
distribution output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com