Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9548 Datasheet HTML 69Page - Analog Devices AD9548 Datasheet HTML 70Page - Analog Devices AD9548 Datasheet HTML 71Page - Analog Devices AD9548 Datasheet HTML 72Page - Analog Devices AD9548 Datasheet HTML 73Page - Analog Devices AD9548 Datasheet HTML 74Page - Analog Devices AD9548 Datasheet HTML 75Page - Analog Devices AD9548 Datasheet HTML 76Page - Analog Devices AD9548 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
AD9548
Rev. 0 | Page 73 of 112
Register 0209 to Register 0210—IRQ Mask
The IRQ mask register bits form a one-to-one correspondence with the bits of the IRQ monitor register (Address 0D02 to Address 0D09).
When set to Logic 1, the IRQ mask bits enable the corresponding IRQ monitor bits to indicate an IRQ event. The default for all IRQ mask bits
is Logic 0, which prevents the IRQ monitor from detecting any internal interrupts.
Table 49. IRQ Mask for SYSCLK
Address
Bits
Bit Name
Description
0209
[7:6]
Unused
[5]
SYSCLK unlocked
Enables IRQ for indicating a SYSCLK PLL state transition from locked to unlocked
[4]
SYSCLK locked
Enables IRQ for indicating a SYSCLK PLL state transition from unlocked to locked
[3:2]
Unused
[1]
SYSCLK Cal complete
Enables IRQ for indicating that SYSCLK calibration has completed
[0]
SYSCLK Cal started
Enables IRQ for indicating that SYSCLK calibration has begun
Table 50. IRQ Mask for Distribution Sync, Watchdog Timer, and EEPROM
Address
Bits
Bit Name
Description
020A
[7:4]
Unused
[3]
Distribution sync
Enables IRQ for indicating a distribution sync event
[2]
Watchdog timer
Enables IRQ for indicating expiration of the watchdog timer
[1]
EEPROM fault
Enables IRQ for indicating a fault during an EEPROM load or save operation
[0]
EEPROM complete
Enables IRQ for indicating successful completion of an EEPROM load or save operation
Table 51. IRQ Mask for the Digital PLL
Address
Bits
Bit Name
Description
020B
[7]
Switching
Enables IRQ for indicating that the DPLL is switching to a new reference
[6]
Closed
Enables IRQ for indicating that the DPLL has entered closed-loop operation
[5]
Freerun
Enables IRQ for indicating that the DPLL has entered free-run mode
[4]
Holdover
Enables IRQ for indicating that the DPLL has entered holdover mode
[3]
Freq unlocked
Enables IRQ for indicating that the DPLL lost frequency lock
[2]
Freq locked
Enables IRQ for indicating that the DPLL has acquired frequency lock
[1]
Phase unlocked
Enables IRQ for indicating that the DPLL lost phase lock
[0]
Phase locked
Enables IRQ for indicating that the DPLL has acquired phase lock
Table 52. IRQ Mask for History Update, Frequency Limit, and Phase Slew Limit
Address
Bits
Bit Name
Description
020C
[7:5]
Unused
[4]
History updated
Enables IRQ for indicating the occurrence of a tuning word history update
[3]
Frequency unclamped
Enables IRQ for indicating a state transition frequency limiter from clamped to
unclamped
[2]
Frequency clamped
Enables IRQ for indicating a state transition of the frequency limiter from unclamped
to clamped
[1]
Phase slew unlimited
Enables IRQ for indicating a state transition of the phase slew limiter from slew
limiting to not slew limiting
[0]
Phase slew limited
Enables IRQ for indicating a state transition of the phase slew limiter from not slew
limiting to slew limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com