Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9548 Datasheet HTML 30Page - Analog Devices AD9548 Datasheet HTML 31Page - Analog Devices AD9548 Datasheet HTML 32Page - Analog Devices AD9548 Datasheet HTML 33Page - Analog Devices AD9548 Datasheet HTML 34Page - Analog Devices AD9548 Datasheet HTML 35Page - Analog Devices AD9548 Datasheet HTML 36Page - Analog Devices AD9548 Datasheet HTML 37Page - Analog Devices AD9548 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
AD9548
Rev. 0 | Page 34 of 112
DIRECT DIGITAL SYNTHESIZER
draining, the water level in the tub eventually rises above the
high water mark (+1024), which causes the phase lock detector
to indicate lock. If more draining is taking place than filling,
then the water level in the tub eventually falls below the low
water mark (−1024), which causes the phase lock detector to
indicate unlock. The ability to specify the threshold level, fill
rate, and drain rate enables the user to tailor the operation of
the phase lock detector to the statistics of the timing jitter
associated with the input reference signal.
DDS Overview
One of the primary building blocks of the digital PLL is a direct
digital synthesizer (DDS). The DDS behaves like a sinusoidal
signal generator. The frequency of the sinusoid generated by the
DDS is determined by a frequency tuning word (FTW), which
is a digital (that is, numeric) value. Unlike an analog sinusoidal
generator, a DDS uses digital building blocks and operates as a
sampled system. Thus, it requires a sampling clock (fS) that
serves as the fundamental timing source of the DDS. The
accumulator behaves as a modulo-248 counter with a
programmable step size (FTW). A block diagram of the DDS
appears in Figure 42.
0
2048
–2048
1024
–1024
LOCK LEVEL
UNLOCK LEVEL
LOCKED
UNLOCKED
PREVIOUS
STATE
FILL
RATE
DRAIN
RATE
The input to the DDS is the 48-bit FTW. The FTW serves as a
step size value. On each cycle of fS, the accumulator adds the
value of the FTW to the running total at its output. For
example, given FTW = 5, the accumulator counts by fives,
incrementing on each fS cycle. Over time, the accumulator
reaches the upper end of its capacity (248 in this case), at which
point, it rolls over but retains the excess. The average rate at
which the accumulator rolls over establishes the frequency of
the output sinusoid. The average rollover rate of the accumulator
establishes the output frequency (fDDS) of the DDS and is given by
Figure 41. Lock Detector Diagram
Note that whenever the AD9548 enters the free-run or holdover
mode, the DPLL phase lock detector indicates unlocked. In
addition, whenever the AD9548 performs a reference switch-
over, the state of the lock detector prior to the switch is
preserved during the transition period.
DPLL Frequency Lock Detector
S
DDS
f
FTW
f
⎟
⎠
⎞
⎜
⎝
⎛
=
48
2
The operation of the frequency lock detector is identical to that
of the phase lock detector. The only difference is that the fill or
drain decision is based on the period deviation between the
reference and feedback signals of the DPLL instead of the phase
error at the output of the PFD.
Solving this equation for FTW yields
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
S
DDS
f
f
FTW
48
2
round
The frequency lock detector uses a 24-bit frequency threshold
register specified in units of picoseconds. Thus, the frequency
threshold value extends from 0 μs to ±16.777215 μs. It represents
the magnitude of the difference in period between the reference
and feedback signals at the input to the DPLL. For example, if
the reference signal is 1.25 MHz and the feedback signal is 1.38
MHz, then the period difference is approximately 75.36 ns
(|1/1,250,000 − 1/1,380,000| ≈ 75.36 ns).
For example, given that fS = 1 GHz and fDDS = 155.52 MHz, then
FTW = 437,749,988,378,041 (0x27D028A1DFB9).
Note that the minimum DAC output frequency is 62.5 MHz;
therefore, normal operation requires an FTW that yields an
output frequency in excess of this lower bound.
DAC
(14-BIT)
PHASE
OFFSET
Q
D
fS
FREQUENCY
TUNING WORD
(FTW)
DAC+
DAC–
14
19
48
19
ANGLE TO
AMPLITUDE
CONVERSION
48
48
48-BIT ACCUMULATOR
16
Figure 42. DDS Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com