| Electronic Components Datasheet Search |
|
AD9548 Datasheet(PDF) 96 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9548 Datasheet(HTML) 96 Page - Analog Devices |
|
96 / 112 page ![]() AD9548 Rev. 0 | Page 96 of 112 Table 127. Incremental Phase Offset Control Address Bits Bit Name Description 0A0C [7:3] Unused [2] Reset phase offset Resets the incremental phase offset to 0. This is an autoclearing bit. [1] Decr phase offset Decrements the incremental phase offset by the amount specified in the incremental phase lock offset step size register (Register 0314 to Register 0315). This is an autoclearing bit. [0] Incr phase offset Increments the incremental phase offset by the amount specified in the incremental phase lock offset step size register (Register 0314 to Register 0315). This is an autoclearing bit. Table 128. Reference Profile Selection State Machine Startup1 Address Bits Bit Name Description 0A0D [7] Detect DD Setting this bit starts the profile selection state machine for Input Reference DD. [6] Detect D Setting this bit starts the profile selection state machine for Input Reference D. [5] Detect CC Setting this bit starts the profile selection state machine for Input Reference CC. [4] Detect C Setting this bit starts the profile selection state machine for Input Reference C. [3] Detect BB Setting this bit starts the profile selection state machine for Input Reference BB. [2] Detect B Setting this bit starts the profile selection state machine for Input Reference B. [1] Detect AA Setting this bit starts the profile selection state machine for Input Reference AA. [0] Detect A Setting this bit starts the profile selection state machine for Input Reference A. 1 All bits in this register are autoclearing. Table 129. Reference Validation Override Controls1 Address Bits Bit Name Description 0A0E [7] Force Timeout DD Setting this bit emulates a timeout of the validation timer for Reference DD. This is an autoclearing bit. [6] Force Timeout D Setting this bit emulates a timeout of the validation timer for Reference D. This is an autoclearing bit. [5] Force Timeout CC Setting this bit emulates a timeout of the validation timer for Reference CC. This is an autoclearing bit. [4] Force Timeout C Setting this bit emulates a timeout of the validation timer for Reference C. This is an autoclearing bit. [3] Force Timeout BB Setting this bit emulates a timeout of the validation timer for Reference BB. This is an autoclearing bit. [2] Force Timeout B Setting this bit emulates a timeout of the validation timer for Reference B. This is an autoclearing bit. [1] Force Timeout AA Setting this bit emulates a timeout of the validation timer for Reference AA. This is an autoclearing bit. [0] Force Timeout A Setting this bit emulates a timeout of the validation timer for Reference A. This is an autoclearing bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |