Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9548 Datasheet HTML 52Page - Analog Devices AD9548 Datasheet HTML 53Page - Analog Devices AD9548 Datasheet HTML 54Page - Analog Devices AD9548 Datasheet HTML 55Page - Analog Devices AD9548 Datasheet HTML 56Page - Analog Devices AD9548 Datasheet HTML 57Page - Analog Devices AD9548 Datasheet HTML 58Page - Analog Devices AD9548 Datasheet HTML 59Page - Analog Devices AD9548 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
AD9548
Rev. 0 | Page 56 of 112
The acknowledge bit (A) is the ninth bit attached to any 8-bit data
byte. An acknowledge bit is always generated by the receiving
device (receiver) to inform the transmitter that the byte has been
received. It is done by pulling the SDA line low during the ninth
clock pulse after each 8-bit data byte.
The nonacknowledge bit (A) is the ninth bit attached to any 8-bit
data byte. A nonacknowledge bit is always generated by the
receiving device (receiver) to inform the transmitter that the byte
has not been received. It is done by leaving the SDA line high
during the ninth clock pulse after each 8-bit data byte.
Data Transfer Process
The master initiates data transfer by asserting a start condition.
This indicates that a data stream follows. All I2C slave devices
connected to the serial bus respond to the start condition.
The master then sends an 8-bit address byte over the SDA line,
consisting of a 7-bit slave address (MSB first) plus an R/W bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device (0 = write,
1 = read).
The peripheral whose address corresponds to the transmitted
address responds by sending an acknowledge bit. All other devices
on the bus remain idle while the selected device waits for data to
be read from or written to it. If the R/W bit is 0, the master
(transmitter) writes to the slave device (receiver). If the R/W bit is
1, the master (receiver) reads from the slave device (transmitter).
The format for these commands is described in the Data Transfer
Format section
Data is then sent over the serial bus in the format of nine clock
pulses, one data byte (eight bits) from either master (write mode)
or slave (read mode) followed by an acknowledge bit from the
receiving device. The number of bytes that can be transmitted per
transfer is unrestricted. In write mode, the first two data bytes
immediately after the slave address byte are the internal memory
(control registers) address bytes, with the high address byte first.
This addressing scheme gives a memory address of up to 216 − 1 =
65,535. The data bytes after these two memory address bytes are
register data written to or read from the control registers. In read
mode, the data bytes after the slave address byte are register data
written to or read from the control registers.
When all data bytes are read or written, stop conditions are
established. In write mode, the master (transmitter) asserts a
stop condition to end data transfer during the 10th clock pulse
following the acknowledge bit for the last data byte from the slave
device (receiver). In read mode, the master device (receiver)
receives the last data byte from the slave device (transmitter) but
does not pull SDA low during the ninth clock pulse. This is known
as a nonacknowledge bit. By receiving the nonacknowledge bit,
the slave device knows the data transfer is finished and enters idle
mode. The master then takes the data line low during the low
period before the 10th clock pulse, and high during the 10th clock
pulse to assert a stop condition.
A start condition can be used in place of a stop condition.
Furthermore, a start or stop condition can occur at any time, and
partially transferred bytes are discarded.
12
89
12
3 TO 7
3 TO 7
89
10
ACK FROM
SLAVE-RECEIVER
ACK FROM
SLAVE-RECEIVER
SDA
SCL
S
MSB
P
Figure 62. Data Transfer Process (Master Write Mode, 2-Byte Transfer)
12
89
12
3 TO 7
3 TO 7
89
10
ACK FROM
MASTER-RECEIVER
NON-ACK FROM
MASTER-RECEIVER
SDA
SCL
S
P
Figure 63. Data Transfer Process (Master Read Mode, 2-Byte Transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com