Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 30Page - Analog Devices ADP2114 Datasheet HTML 31Page - Analog Devices ADP2114 Datasheet HTML 32Page - Analog Devices ADP2114 Datasheet HTML 33Page - Analog Devices ADP2114 Datasheet HTML 34Page - Analog Devices ADP2114 Datasheet HTML 35Page - Analog Devices ADP2114 Datasheet HTML 36Page - Analog Devices ADP2114 Datasheet HTML 37Page - Analog Devices ADP2114 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADP2114
Rev. 0 | Page 34 of 40
22kΩ
2.4nF
20kΩ
2.4nF
47µF
100µF
VOUT1 = 1.8V, 3A
fSW = 300kHz
6.8µH
22µF
22µF
1µF
47µF
22µF
VOUT2 = 3.3V, 1A
6.8µH
VIN = 5V
10Ω
100kΩ
100kΩ
15kΩ
V1SET
47kΩ
VIN1
VIN2
VIN3
SW1
SW2
FB1
COMP1
SS1
EN1
COMP2
SS2
PGND4
PGND3
FB2
V2SET
SW4
SW3
CLKOUT
SYNC/CLKOUT
VIN6
VIN5
VIN4
EN2
PGOOD2
ADP2114
PGOOD2
PGOOD1
10nF
10nF
PGND1
PGND2
PGOOD1
Figure 81. Application Circuit for 3 A/1 A Outputs
33kΩ
390pF
22kΩ
560pF
100µF
VOUT1 = 1.0V, 2A
1µH
22µF
22µF
1µF
47µF
VOUT2 = 1.4V, 2A
1µH
VIN = 3.3V
10Ω
100kΩ
100kΩ
82kΩ
V1SET
82kΩ
VIN1
VIN2
VIN3
SW1
SW2
FB1
COMP1
SS1
EN1
COMP2
SS2
PGND4
PGND3
FB2
V2SET
SW4
SW3
SYNC
SYNC/CLKOUT
VIN6
VIN5
VIN4
EN2
PGOOD2
ADP2114
PGOOD2
PGOOD1
10nF
10nF
PGND1
PGND2
PGOOD1
fSW = 1.2MHz
Figure 82. Application Circuit for Adjustable Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com