Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 5 Page - Analog Devices

  ADP2114 Datasheet HTML 1Page - Analog Devices ADP2114 Datasheet HTML 2Page - Analog Devices ADP2114 Datasheet HTML 3Page - Analog Devices ADP2114 Datasheet HTML 4Page - Analog Devices ADP2114 Datasheet HTML 5Page - Analog Devices ADP2114 Datasheet HTML 6Page - Analog Devices ADP2114 Datasheet HTML 7Page - Analog Devices ADP2114 Datasheet HTML 8Page - Analog Devices ADP2114 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ADP2114
Rev. 0 | Page 5 of 40
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +6 V
VIN1, VIN2, VIN3, VIN4, VIN5, VIN6 to
PGND1, PGND2, PGND3, PGND4
−0.3 V to +6 V
EN1, EN2, SCFG, FREQ, FB1, FB2, SYNC/
CLKOUT, PGOOD1, PGOOD2, V1SET,
V2SET, COMP1, COMP2, SS1, SS2 to GND
−0.3 V to (VDD + 0.3 V)
FB1, FB2 to GND
−0.3V to +3.6V
SW1, SW2, SW3, SW4 to PGND1, PGND2,
PGND3, PGND4
−0.3 V to (VDD + 0.3 V)
PGND1, PGND2, PGND3, PGND4 to GND
±0.3 V
VIN1, VIN2, VIN3, VIN4, VIN5, VIN6 to VDD
±0.3 V
θJA, JEDEC 1S2P PCB, Natural Convection
34°C/W
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Soldering Lead
Temperature (10 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com