Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 26Page - Analog Devices ADP2114 Datasheet HTML 27Page - Analog Devices ADP2114 Datasheet HTML 28Page - Analog Devices ADP2114 Datasheet HTML 29Page - Analog Devices ADP2114 Datasheet HTML 30Page - Analog Devices ADP2114 Datasheet HTML 31Page - Analog Devices ADP2114 Datasheet HTML 32Page - Analog Devices ADP2114 Datasheet HTML 33Page - Analog Devices ADP2114 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADP2114
Rev. 0 | Page 30 of 40
DESIGN EXAMPLE
The external component selection procedure from the Control
Loop Compensation section is used for this design example.
Table 9. 2-Channel Step-Down DC-to-DC Converter
Requirements
Parameter
Specification
Additional
Requirements
Input Voltage, VIN
5.0 V ±10%
None
Channel 1, VOUT1
3.3 V, 2 A, 1% VOUT
ripple (p-p)
Maximum load step:
1 A to 2 A, 5% droop
maximum
Channel 2, VOUT2
1.8 V, 2 A, 1% VOUT
ripple (p-p)
Maximum load step:
1 A to 2 A, 5% droop
maximum
Pulse-Skip Feature
Enabled
None
CHANNEL 1 CONFIGURATION AND COMPONENTS
SELECTION
Complete the following steps to configure Channel 1:
1.
For the target output voltage, VOUT = 3.3 V, connect the
V1SET pin through a 47 kΩ resistor to GND (see Table 4).
Because one of the fixed output voltage options is chosen,
the feedback pin (FB1) must be directly connected to the
output of Channel 1, VOUT1.
2.
Estimate the duty-cycle, D, range. Ideally,
IN
OUT
V
V
D =
(20)
That gives the duty cycle for the 3.3 V output voltage and
the nominal input voltage of DNOM = 0.66 at VIN = 5.0 V.
The minimum duty cycle, DMIN, for the maximum input
voltage (10% above the nominal) is DMIN = 0.60 at VIN
maximum = 5.5 V
The maximum duty cycle, DMAX, for the minimum input
voltage (10% less than nominal) is DMAX = 0.73 at VIN
minimum = 4.5 V.
However, the actual duty cycle is larger than the calculated
values to compensate for the power losses in the converter.
Therefore, add 5% to 7% at the maximum load.
Based on the estimated duty-cycle range, choose the
switching frequency according to the minimum and
maximum duty-cycle limitations, as shown in Figure 72.
For the Channel 1 VIN = 5 V and VOUT = 3.3 V combination,
choose fSW = 600 kHz with a maximum duty cycle of 0.8.
This frequency option provides the smallest sized solution.
If a higher efficiency is required, choose the 300 kHz option.
However, the PCB footprint area of the converter will be
larger because of the bigger inductor and output capacitors.
3.
Select the inductor by using Equation 5.
IN
OUT
SW
L
OUT
IN
V
V
f
I
V
V
L
×
×
−
=
Δ
)
(
In Equation 5, VIN = 5 V, VOUT = 3.3 V, ΔIL = 0.3 × IL = 0.6 A,
and fSW = 600 kHz, which results in L = 3.11 μH.
Therefore, when L = 3.3 μH (the closest standard value) in
Equation 3, ΔIL = 0.566 A.
Although the maximum output current required is 2 A, the
maximum peak current is 3.3 A under the current limit
condition (see Table 7). Therefore, the inductor should be
rated for 3.3 A of peak current and 3 A of average current
for reliable circuit operation.
4.
Select the output capacitor by using Equation 8 and
Equation 9.
)
-
(
8
ESR
ΔI
ΔV
f
ΔI
C
L
RIPPLE
SW
L
OUT_MIN
×
×
×
≅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
≅
DROOP
SW
OUT_STEP
OUT_MIN
ΔV
f
ΔI
C
3
Equation 8 is based on the output ripple (ΔVRIPPLE), and
Equation 9 is for capacitor selection based on the transient
load performance requirements that allow, in this case, 5%
maximum deviation. As previously mentioned, perform
these calculations and choose whatever equation yields the
larger capacitor size.
In this case, the following values are substituted for the
variables in Equation 8 and Equation 9:
ΔIL = 0.566 A
fSW = 600 kHz
ΔVRIPPLE = 33 mV (1% of 3.3 V)
ESR = 3 mΩ (typical for ceramic capacitors)
ΔIOUT_STEP = 1 A
ΔVDROOP = 0.165 V (5% of 3.3 V)
The output ripple based calculation (see Equation 8) dictates
that COUT = 4.0 μF, whereas the transient load based
calculation (see Equation 9) dictates that COUT = 30 μF. To
meet both requirements, choose the latter. As previously
mentioned in the Control Loop Compensation section, the
capacitor value reduces with applied dc bias; therefore, select a
higher value. In this case, the next higher value is 47 μF
with a minimum voltage rating of 6.3 V.
5.
Calculate the feedback loop, compensation component
values by using Equation 15.
H(s)
= gM × GCS ×
OUT
REF
V
V
× ZCOMP(s) × ZFILT(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com