Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 28Page - Analog Devices ADP2114 Datasheet HTML 29Page - Analog Devices ADP2114 Datasheet HTML 30Page - Analog Devices ADP2114 Datasheet HTML 31Page - Analog Devices ADP2114 Datasheet HTML 32Page - Analog Devices ADP2114 Datasheet HTML 33Page - Analog Devices ADP2114 Datasheet HTML 34Page - Analog Devices ADP2114 Datasheet HTML 35Page - Analog Devices ADP2114 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADP2114
Rev. 0 | Page 32 of 40
5.
Calculate the feedback loop, compensation component
values by using Equation 15.
H(s)
= gm × GCS ×
OUT
REF
V
V
× ZCOMP(s) × ZFILT(s)
In this case, the following values are substituted for the
variables in Equation 18:
gm = 550 μs
GCS = 4
VREF = 0.6 V
VOUT = 1.8 V
COUT = 0.8 × (47+22) μF (capacitance derated by 20% to
account for dc bias).
From Equation 18,
RCOMP = 22 kΩ.
Substituting RCOMP in Equation 19 yields CCOMP = 1100 pF.
SYSTEM CONFIGURATION
Complete the following steps to further configure the ADP2114
for this design example:
1.
Set the switching frequency (fSW) = 600 kHz (see Table 5)
by connecting the FREQ pin through an 8.2 kΩ resistor
to GND.
2.
Tie SCFG to VDD and use the CLKOUT signal to
synchronize other converters on the same board with the
ADP2114.
3.
Tie OPCFG to GND for 2 A/2 A maximum output current
operation and to enable pulse skip mode at light load
conditions (see Table 7).
A schematic of the ADP2114 as configured in the design example
described in this section is shown in Figure 79.
Table 12 provides the recommended inductor, output capacitor,
and compensation component values for a set of popular input
and output voltage combinations.
Table 11. Channel 2 Circuit Settings
Circuit Parameter
Setting
Value
Output Voltage, VOUT
Nominal
1.8 V
Reference Voltage, VREF
Typical
0.6 V
Error Amp Transconductance, gm
Typical
550 μs
Current Sense Gain, CCS
Typical
4 A/V
Switching Frequency, fSW
Step 2
600 kHz
Crossover Frequency, fCROSS
1/12 fSW
50 kHz
Zero Frequency, fZERO
1/8 fCROSS
6.25 kHz
Output Inductor, LOUT
Step 3
3.3 μF
Output Capacitors, COUT
Step 4
47 μF + 22 μF
Compensation Resistor, RCOMP
Equation 18
22 kΩ
Compensation Capacitor, CCOMP
Equation 19
1100 pF
Table 12. Selection Table of L, COUT, and Compensation Values
fSW (kHz)
VIN (V)
VOUT (V)
Maximum Load (A)
L (μH)
COUT (μF)
RCOMP (kΩ)
CCOMP (pF)
300
5
3.3
2.0
6.8
69 (47 + 22)
20
2400
300
5
2.5
2.0
6.8
100
22
2400
300
5
1.8
2.0
6.8
147 (100 + 47)
22
2400
300
5
1.2
2.0
4.7
200 (2 × 100 )
20
2400
600
5
3.3
2.0
3.3
47
27
1000
600
5
2.5
2.0
3.3
57 (47 + 10)
24
1100
600
5
1.8
2.0
3.3
69 (47 + 22)
22
1100
600
5
1.2
2.0
2.2
100
20
1200
1200
5
2.5
2.0
1.8
32 (22 + 10)
27
470
1200
5
1.8
2.0
1.8
44 (2 × 22)
27
470
1200
5
1.2
2.0
1.2
57 (47 + 10)
24
510
1200
5
0.8
2.0
1.0
100
27
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com