Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 25Page - Analog Devices ADP2114 Datasheet HTML 26Page - Analog Devices ADP2114 Datasheet HTML 27Page - Analog Devices ADP2114 Datasheet HTML 28Page - Analog Devices ADP2114 Datasheet HTML 29Page - Analog Devices ADP2114 Datasheet HTML 30Page - Analog Devices ADP2114 Datasheet HTML 31Page - Analog Devices ADP2114 Datasheet HTML 32Page - Analog Devices ADP2114 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ADP2114
Rev. 0 | Page 29 of 40
The control loop can be broken down into the following three
sections:
At the crossover frequency, the gain of the open-loop transfer
function is unity. This yields Equation 16 for the compensation
network impedance at the crossover frequency.
•
VOUT to VCOMP
REF
OUT
CS
m
OUT
CROSS
CROSS
COMP
V
V
G
g
C
f
f
Z
×
×
×
×
×
=
π
2
)
(
(16)
•
VCOMP to IL
•
IL to VOUT
Correspondingly, there are three transfer functions:
(s)
Z
g
V
V
(s)
V
(s)
V
COMP
m
OUT
REF
OUT
COMP
×
×
=
(10)
To ensure that there is sufficient phase margin at the crossover
frequency, place the compensator zero at 1/8 of the crossover
frequency, as shown in Equation 17.
CS
COMP
L
G
(s)
V
(s)
I
=
(11)
8
π
2
1
CROSS
COMP
COMP
ZERO
f
C
R
f
≈
×
×
×
=
(17)
(s)
Z
(s)
I
(s)
V
FILT
L
OUT
=
(12)
Solving Equation 16 and Equation 17 simultaneously yields the
value for the compensation resistor and compensation
capacitor, as shown in Equation 18 and Equation 19.
where:
gm is the transconductance of the error amplifier, 550 μs.
GCS is the current sense gain, 4 A/V.
VOUT is the output voltage of the converter.
VREF is the internal reference voltage of 0.6 V.
ZCOMP(s) is the impedance of the RC compensation network that
forms a pole at origin and a zero as expressed in Equation 13.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
REF
OUT
OUT
CS
m
CROSS
COMP
V
V
C
G
G
F
R
)
π
2
(
9
.
0
(18)
COMP
ZERO
COMP
R
f
C
×
×
×
=
π
2
1
(19)
COMP
COMP
COMP
COMP
C
s
C
R
s
(s)
Z
×
×
×
+
= 1
(13)
The capacitor CC2 (as shown in Figure 77) forms a pole with the
compensation resistor, RCOMP, in the feedback loop to ensure
that the loop gain keeps rolling off well beyond the unity-gain
crossover frequency. The value of CC2, if used, is typically set to
1/40 of the compensation capacitor, CCOMP.
ZFILT
(s) is the impedance of the output filter and is expressed as
OUT
LOAD
LOAD
FILT
C
R
s
R
(s)
Z
×
×
+
=
1
(14)
where s is angular frequency that can be written as s = 2πf.
The overall loop gain, H(s), is obtained by multiplying the three
transfer functions previously mentioned as follows:
H(s)
= gM × GCS ×
OUT
REF
V
V
× ZCOMP(s) × ZFILT(s)
(15)
When the switching frequency (fSW), output voltage (VOUT), output
inductor (L), and output capacitor (COUT) values are selected,
the unity crossover frequency of 1/12 (approximately) the
switching frequency can be targeted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com