Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 24Page - Analog Devices ADP2114 Datasheet HTML 25Page - Analog Devices ADP2114 Datasheet HTML 26Page - Analog Devices ADP2114 Datasheet HTML 27Page - Analog Devices ADP2114 Datasheet HTML 28Page - Analog Devices ADP2114 Datasheet HTML 29Page - Analog Devices ADP2114 Datasheet HTML 30Page - Analog Devices ADP2114 Datasheet HTML 31Page - Analog Devices ADP2114 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADP2114
Rev. 0 | Page 28 of 40
The ADP2114 can be configured in either a 2 A/2 A or a 3 A/1 A
current limit configuration and, therefore, the current limit
thresholds for the two channels are different in each setting.
The inductor chosen for each channel must have at least the
peak output current limit of the IC in each case for robust
operation during short-circuit conditions. The following
inductors are recommended:
•
From 0.47 μH to 4.7 μH, the TOKO D53LC and
FDV0620 series
•
From 4.7 μH to 12 μH, the Cooper Bussman DR1050 series
and the Wurth Elektronik WE-PDF series.
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects both the output voltage
ripple and the loop dynamics of the converter. The ADP2114
is designed for operation with small ceramic output capacitors
that have low ESR and ESL; therefore, comfortably able to meet
tight output voltage ripple specifications. X5R or X7R dielectrics
are recommended with a voltage rating of 6.3 V or 10 V. Y5V
and Z5U dielectrics are not recommended due to their poor
temperature and dc bias characteristics. The minimum output
capacitance, COUT_MIN, is determined by Equation 7 and
Equation 8.
For acceptable maximum output voltage ripple,
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
+
×
≅
OUT_MIN
SW
L
RIPPLE
C
f
ESR
ΔI
ΔV
8
1
(7)
Therefore,
)
(
8
—
ESR
ΔI
ΔV
f
ΔI
C
L
RIPPLE
SW
L
OUT_MIN
×
×
×
≅
(8)
where:
ΔVRIPPLE is allowable peak-to-peak output voltage ripple in volts.
ΔIL is the inductor ripple current.
ESR is the equivalent series resistance of the capacitor in ohms.
fSW is the converter switching frequency in Hertz.
If there is a step load, choose the output capacitor value based
on the value of the step load. For the maximum acceptable
output voltage droop/overshoot caused by the step load,
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
≅
DROOP
SW
OUT_STEP
OUT_MIN
ΔV
f
ΔI
C
3
(9)
where:
ΔIOUT_STEP is the load step value in amperes.
fSW is the switching frequency in Hertz.
ΔVDROP is the maximum allowable output voltage
droop/overshoot in volts for the load step.
Note that the previous equations are approximations and are
based on following assumptions:
•
The inductor value is based on the peak-to-peak current
being 30% of the maximum load current.
•
Voltage drops across the internal MOSFET switches and
across the dc resistance of the inductor are ignored.
•
In Equation 9, it is assumed that it takes up to three switching
cycles until the loop adjusts the inductor current in response
to the load step.
Select the largest output capacitance given by Equation 8 and
Equation 9. While choosing the actual type of ceramic capacitor
for the output filter of the converter, pick one with a nominal
capacitance that is 20% to 30% larger than the calculated value
because the effective capacitance decreases with larger dc voltages.
In addition, the rated voltage of the capacitor must be higher
than the output voltage of the converter.
Recommended input and output ceramic capacitors include
•
Murata GRM21BR61A106KE19L, 10 μF, 10 V, X5R, 0805
•
TDK C2012X5R0J226M, 22 μF, 6.3 V, X5R, 0805
•
Panasonic ECJ-4YB0J476M, 47 μF, 6.3 V, X5R, 1210
•
Murata GRM32ER60J107ME20L, 100 μF, 6.3 V, X5R, 1210
CONTROL LOOP COMPENSATION
The ADP2114 uses a peak, current mode control architecture
for excellent load and line transient response. The external
voltage loop is compensated by a transconductance amplifier
with a simple external RC network between the COMP1
(COMP2) pin and GND, as shown in Figure 77.
gm
VFBx
0.6V
ADP2114
COMPx
RCOMP
CCOMP
CC2
GND
Figure 77. Compensation Components
The basic control loop block diagram is shown in Figure 78.
VCOMP
CCOMP
RCOMP
gm
VREF = 0.6V
VIN
PULSE
WIDTH
MODULATOR
IL
VOUT
INDUCTOR
CURRENT
SENSE
ADP2114
Figure 78. Basic Control Block Diagram
The blocks and components shown enclosed within the dashed line
in Figure 78 are embedded inside each channel of the ADP2114.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com