Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 8Page - Analog Devices ADP2114 Datasheet HTML 9Page - Analog Devices ADP2114 Datasheet HTML 10Page - Analog Devices ADP2114 Datasheet HTML 11Page - Analog Devices ADP2114 Datasheet HTML 12Page - Analog Devices ADP2114 Datasheet HTML 13Page - Analog Devices ADP2114 Datasheet HTML 14Page - Analog Devices ADP2114 Datasheet HTML 15Page - Analog Devices ADP2114 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADP2114
Rev. 0 | Page 12 of 40
120
80
85
90
95
100
105
110
115
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
OVERVOLTAGE; VOUT RISING
OVERVOLTAGE; VOUT FALLING
UNDERVOLTAGE; VOUT RISING
UNDERVOLTAGE, VOUT FALLING
Figure 26. PGOOD Threshold vs. Temperature
10
9
8
7
6
5
4
3
2
1
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5.5V
VIN = 2.75V
Figure 27. Shutdown Current vs. Temperature
5
4
3
2
1
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5.5V
VIN = 2.75V
Figure 28. VDD Input Current vs. Temperature (Not Switching)
6.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
3A OPTION
2A OPTION
1A OPTION
Figure 29. Peak Current Limit vs. Temperature, VIN = 5 V
700
650
600
550
500
450
400
350
300
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5.5V
VIN = 2.75V
Figure 30. gM vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com