Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 22Page - Analog Devices ADP2114 Datasheet HTML 23Page - Analog Devices ADP2114 Datasheet HTML 24Page - Analog Devices ADP2114 Datasheet HTML 25Page - Analog Devices ADP2114 Datasheet HTML 26Page - Analog Devices ADP2114 Datasheet HTML 27Page - Analog Devices ADP2114 Datasheet HTML 28Page - Analog Devices ADP2114 Datasheet HTML 29Page - Analog Devices ADP2114 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
ADP2114
Rev. 0 | Page 26 of 40
OPERATION MODE CONFIGURATION
The dual-channel ADP2114 can be configured to one of the four
modes of operation by connecting the OPCFG pin as shown in
Table 7. This configuration sets the current limit for each
channel and enables or disables the transition to pulse skip mode
at light loads.
In the dual-phase configuration, the outputs of the two channels
are connected together, and they generate a single dc output
voltage, VOUT. For this single combined dual-phase output,
only Mode 2 in the OPCFG options can be used. In this mode,
the error amplifiers of both phases are used. The feedback
pins (FB1 and FB2) are tied together, the compensation pins
(COMP1 and COMP2) are tied together, the soft start pins (SS1
and SS2) are tied together, and the enable pins (EN1 and EN2)
are tied together.
In addition, if the power-good feature is used, combine PGOOD1
and PGOOD2 and connect them to VDD through a single
pull-up resistor.
When the ADP2114 is synchronized to an external clock, the
converters always operate in fixed frequency CCM, and they do
not enter into pulse skip mode at light loads. In this case, when
configuring the OPCFG pin, choose forced PWM mode.
Table 7. Current Limit Operation Mode and Configuration
Maximum Output Current
Peak Current Limit
Mode
ROPCFG (Ω) ± 5%
IOUT1 (A)/IOUT2 (A)
ILIMIT1 (A)/ILIMIT2 (A)
Power Savings at Light Load
1
0 to GND
2/2
3.3/3.3
Pulse skip enabled
2
4.7 k to GND
2/2
3.3/3.3
Forced PWM
3
8.2 k to GND
3/1
4.5/1.9
Pulse skip enabled
4
15 k to GND
3/1
4.5/1.9
Forced PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com