Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 12Page - Analog Devices ADP2114 Datasheet HTML 13Page - Analog Devices ADP2114 Datasheet HTML 14Page - Analog Devices ADP2114 Datasheet HTML 15Page - Analog Devices ADP2114 Datasheet HTML 16Page - Analog Devices ADP2114 Datasheet HTML 17Page - Analog Devices ADP2114 Datasheet HTML 18Page - Analog Devices ADP2114 Datasheet HTML 19Page - Analog Devices ADP2114 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADP2114
Rev. 0 | Page 16 of 40
CH1 2.0V
CH3 1.0V
CH2 10mV
M400µs
A CH3
4.84V
1
2
3
VOUT
VIN
SW
Figure 47. 3.3 V to 5 V Line Transient, VOUT = 0.6 V, Load = 1 A
fSW = 600 kHz, Forced PWM
CH1 2.0V
CH3 1.0V
CH2 10mV
M400µs
A CH3
3.50V
1
2
3
VOUT
VIN
SW
Figure 48. 5 V to 3.3 V Line Transient, VOUT = 0.6 V, Load = 1 A
fSW = 600 kHz, Forced PWM
CH3 2.0V
CH2 10mV
CH4 500mA
M4µs
A CH3
4.32V
4
2
3
VOUT, AC
SW
INDUCTOR CURRENT
Figure 49. Pulse Skip Mode, 110 mA Load
CH3 2.0V
CH2 20mV
CH2 500mA
M1µs
A CH3
2.52V
4
2
3
VOUT, AC
SW
INDUCTOR CURRENT
Figure 50. Forced PWM Mode, CCM Operation, 200 mA Load, fSW = 600 kHz
CH3 2.0V
CH2 20mV
CH2 500mA
M1µs
A CH3
4.32V
4
2
3
VOUT, AC
SW
INDUCTOR CURRENT
Figure 51. Pulse Skip Enabled, DCM Operation, 200 mA Load, fSW = 600 kHz
CH3 5.0V
CH1 5.0V
CH2 1.0V
CH4 2.0V
M1.0ms
A CH1
2.4V
4
3
1
2
EN2
SS2
SW
VOUT2
Figure 52. Soft Start, Channel 2 VOUT = 1.8 V, CSS2 = 10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com