Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 23Page - Analog Devices ADP2114 Datasheet HTML 24Page - Analog Devices ADP2114 Datasheet HTML 25Page - Analog Devices ADP2114 Datasheet HTML 26Page - Analog Devices ADP2114 Datasheet HTML 27Page - Analog Devices ADP2114 Datasheet HTML 28Page - Analog Devices ADP2114 Datasheet HTML 29Page - Analog Devices ADP2114 Datasheet HTML 30Page - Analog Devices ADP2114 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
ADP2114
Rev. 0 | Page 27 of 40
EXTERNAL COMPONENTS SELECTION
INPUT CAPACITOR SELECTION
The input current to a buck converter is pulsating in nature. The
current is zero when the high-side switch is off and approximately
equal to the load current when it is on. Because this occurs at
reasonably high frequencies (300 kHz to 1.2 MHz), the input
bypass capacitor ends up supplying most of the high frequency
current (ripple current), allowing the input power source to
supply only the average (dc) current. The input capacitor needs a
sufficient ripple current rating to handle the input ripple as well
as an ESR that is low enough to mitigate the input voltage
ripple. For the ADP2114, place a 22 μF, 6.3 V, X5R ceramic
capacitor close to the VINx pin for each channel. X5R or X7R
dielectrics are recommended with a voltage rating of 6.3 V or
10 V. Y5V and Z5U dielectrics are not recommended due to
their poor temperature and dc bias characteristics.
VDD RC FILTER
It is recommended to apply the input power, VIN, to the VDD pin
through a low-pass RC filter, as shown on Figure 76. Connecting a
10 Ω resistor in series with VIN and a 1 μF, 6.3 V, X5R (or X7R)
ceramic capacitor between VDD and GND creates a 16 kHz
(−3 dB) low-pass filter that effectively attenuates voltage glitches
on the input power rail caused by the switching regulator. This
provides a clean power supply to the internal, sensitive, analog
and digital circuits in the ADP2114, ensuring robust operation.
VDD
GND
ADP2114
1µF
10Ω
VIN
Figure 76. Low-Pass Filter at VDD
INDUCTOR SELECTION
The high switching frequency of ADP2114 allows for minimal
output voltage ripple even with small inductors. The sizing of the
inductor is a trade-off between efficiency and transient response. A
small inductor leads to larger inductor current ripple that provides
excellent transient response but degrades efficiency. Due to
the high switching frequency of ADP2114, shielded ferrite core
inductors are recommended for their low core losses and low EMI.
As a guideline, the inductor peak-to-peak current ripple, ΔIL, is
typically set to 1/3 of the maximum load current for optimal
transient response and efficiency.
3
)
(
)
(MAX
LOAD
SW
IN
OUT
IN
OUT
L
I
L
f
V
V
V
V
I
≈
×
×
−
×
=
Δ
)
(
)
(
3
MAX
LOAD
IN
SW
OUT
IN
OUT
IDEAL
I
V
f
V
V
V
L
×
×
−
×
×
=
⇒
(5)
where:
VIN is the input voltage on the VINx terminal.
VOUT is the desired output voltage.
fSW is the converter switching frequency.
The internal slope compensation introduces additional limitations
on the optimal inductor value for stable operation because the
internal ramp is scaled for each VOUT setting. The limits for
different VIN, VOUT, and fSW combinations are listed in Table 8.
Table 8. Minimum and Maximum Inductor Values
fSW (kHz)
VIN (V)
VOUT (V)
Min L (μH)
Max L (μH)
300
5
3.3
6.8
10
300
5
2.5
5.6
15
300
3.3
2.5
5.6
6.8
300
5
1.8
4.7
12
300
3.3
1.8
4.7
8.2
300
5
1.5
2.2
12
300
3.3
1.5
2.2
8.2
300
5
1.2
2.2
10
300
3.3
1.2
2.2
8.2
300
5
0.8
1.5
6.8
300
3.3
0.8
1.5
6.8
600
5
3.3
3.3
4.7
600
5
2.5
3.3
6.8
600
3.3
2.5
3.3
3.3
600
5
1.8
2.2
6.8
600
3.3
1.8
2.2
3.3
600
5
1.5
1.5
5.6
600
3.3
1.5
1.5
4.7
600
5
1.2
1.5
4.7
600
3.3
1.2
1.5
3.3
600
5
0.8
1.0
3.3
600
3.3
0.8
1.0
3.3
1200
5
2.5
1.0
3.3
1200
5
1.8
1.0
3.3
1200
3.3
1.8
1.0
2.2
1200
5
1.5
0.8
2.2
1200
3.3
1.5
0.8
2.2
1200
5
1.2
0.8
2.2
1200
3.3
1.2
0.8
2.2
1200
5
0.8
0.47
1.5
1200
3.3
0.8
0.47
1.5
To avoid saturation, the rated current of the inductor has to be
larger than the maximum peak inductor IL_PEAK current given by
2
_
_
L
MAX
LOAD
PEAK
L
I
I
I
Δ
+
=
(6)
where:
ILOAD_MAX is the maximum dc load current.
ΔIL is the inductor ripple current (peak to peak).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com