Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 32Page - Analog Devices ADP2114 Datasheet HTML 33Page - Analog Devices ADP2114 Datasheet HTML 34Page - Analog Devices ADP2114 Datasheet HTML 35Page - Analog Devices ADP2114 Datasheet HTML 36Page - Analog Devices ADP2114 Datasheet HTML 37Page - Analog Devices ADP2114 Datasheet HTML 38Page - Analog Devices ADP2114 Datasheet HTML 39Page - Analog Devices ADP2114 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADP2114
Rev. 0 | Page 36 of 40
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good circuit board layout is essential in obtaining the best
performance from each channel of the ADP2114. Poor circuit
layout degrades the output ripple and regulation, as well as the
EMI and electromagnetic compatibility performance. For
optimum layout, refer to the following guidelines:
•
Use separate analog and power ground planes. Connect the
ground reference of sensitive analog circuitry, such as output
voltage divider components, to analog ground. In addition,
connect the ground references of power components, such as
input and output capacitors, to power ground. Connect
both ground planes to the exposed pad of the ADP2114.
•
Place the input capacitor of each channel as close to the
VINx pins as possible and connect the other end to the
closest power ground plane.
•
For low noise and better transient performance, a filter is
recommended between VINx and VDD. Place a 1 μF, 10 Ω
low-pass input filter between the VDD pin and the VINx
pins, as close to the GND pin as possible.
•
Ensure that the high current loop traces are as short and as
wide as possible. Make the high current path from CIN
through L, COUT, and the power ground plane back to CIN as
short as possible. To accomplish this, ensure that the input and
output capacitors share a common power ground plane. In
addition, make the high current path from the PGNDx pin
through L and COUT back to the power ground plane as
short as possible. To do this, ensure that the PGNDx pin of
the ADP2114 is tied to the PGND plane as close as possible
to the input and output capacitors (see Figure 84).
•
Connect the ADP2114 exposed pad to a large copper plane
to maximize its power dissipation capability. Thermal
conductivity can be obtained using the method described
in JEDEC specification JESD51-7.
•
Place the feedback resistor divider network as close as
possible to the FBx pin to prevent noise pickup. Try to
minimize the length of the trace connecting the top of the
feedback resistor divider to the output while keeping away
from the high current traces and the switch node, SWx, that
can lead to noise pickup. To reduce noise pickup, place an
analog ground plane on either side of the FBx trace and
make it as small as possible to reduce the parasitic
capacitance pickup.
1µF
GND
VDD
ADP2114
VINx
SWx
PGNDx
L
FBx
GND
LOAD
10Ω
VIN
CIN
COUT
VOUT
Figure 84. High Current Traces in the PCB Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com