Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 13Page - Analog Devices ADP2114 Datasheet HTML 14Page - Analog Devices ADP2114 Datasheet HTML 15Page - Analog Devices ADP2114 Datasheet HTML 16Page - Analog Devices ADP2114 Datasheet HTML 17Page - Analog Devices ADP2114 Datasheet HTML 18Page - Analog Devices ADP2114 Datasheet HTML 19Page - Analog Devices ADP2114 Datasheet HTML 20Page - Analog Devices ADP2114 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
ADP2114
Rev. 0 | Page 17 of 40
CH3 5.0V
CH1 5.0V
CH2 1.0V
CH4 500mV
M200µs
A CH1
2.4V
4
3
1
2
EN2
SS2
SW
VOUT2
Figure 53. Start with Precharged Output
CH3 5.0V
CH2 1.0V
CH4 2.0A
M1.0ms
A CH2
1.12V
2
3
4
INDUCTOR CURRENT
SW
VOUT2
Figure 54. Current Limit Entry,
Channel 2 VOUT = 1.8 V, 2 A Configuration, fSW = 600 kHz
CH3 5.0V
CH2 1.0V
CH4 2.0A
M10.0µs
A CH2
1.12V
2
3
4
INDUCTOR CURRENT
SW
VOUT2
Figure 55. Current Limit Entry (Zoomed In),
Channel 2 VOUT = 1.8 V, 2 A Configuration, fSW = 600 kHz
CH3 5.0V
CH2 1.0V
CH4 2.0A
M2.0ms
A CH4
1.72V
2
3
4
INDUCTOR CURRENT
SW
VOUT
Figure 56. Hiccup Mode, fSW = 600 kHz, 6.8 ms Hiccup Cycle
CH3 5.0V
CH2 1.0V
CH4 2.0A
M2.0ms
A CH2
1.12V
2
3
4
INDUCTOR CURRENT
SW
VOUT
Figure 57. Exit Hiccup Mode,
Channel 2 VOUT = 1.8 V, fSW = 600 kHz
CH3 5.0V
CH1 5.0V
CH4 5.0V
M1.0µs
A CH1
3.0V
4
3
1
EXTERNAL SYNC
CHANNEL 2 SW
CHANNEL 1 SW
Figure 58. External Synchronization, fSYNC = 1.5 MHz, fSW = 750 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com