Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 3Page - Analog Devices ADP2114 Datasheet HTML 4Page - Analog Devices ADP2114 Datasheet HTML 5Page - Analog Devices ADP2114 Datasheet HTML 6Page - Analog Devices ADP2114 Datasheet HTML 7Page - Analog Devices ADP2114 Datasheet HTML 8Page - Analog Devices ADP2114 Datasheet HTML 9Page - Analog Devices ADP2114 Datasheet HTML 10Page - Analog Devices ADP2114 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ADP2114
Rev. 0 | Page 7 of 40
Pin No.
Mnemonic
Description
14
VIN4
Power Supply Input. The source of the high-side internal power MOSFET of Channel 2.
15
VIN5
Power Supply Input. The source of the high-side internal power MOSFET of Channel 2.
16
VIN6
Power Supply Input. The source of the high-side internal power MOSFET of Channel 2.
17
SW4
Switch Node Output. The drain of the P-channel power switch and N-channel synchronous rectifier of Channel 2.
Tie SW3 to SW4 and then connect the output LC filter between SW and the output voltage.
18
SW3
Switch Node Output. The drain of the P-channel power switch and N-channel synchronous rectifier of Channel 2.
Tie SW3 to SW4 and then connect the output LC filter between SW and the output voltage.
19
PGND4
Power Ground. Source of the low-side internal power MOSFET of Channel 2.
20
PGND3
Power Ground. Source of the low-side internal power MOSFET of Channel 2.
21
PGND2
Power Ground. Source of the low-side internal power MOSFET of Channel 1.
22
PGND1
Power Ground. Source of the low-side internal power MOSFET of Channel 1.
23
SW2
Switch Node Output. The drain of the P-channel power switch and N-channel synchronous rectifier of Channel 1.
Tie SW1 to SW2 and connect the output LC filter between SW and the output voltage.
24
SW1
Switch Node Output. The drain of the P-channel power switch and N-channel synchronous rectifier of Channel 1.
Tie SW1 to SW2 and connect the output LC filter between SW and the output voltage.
25
VIN3
Power Supply Input. The source of the high-side internal power MOSFET of Channel 1.
26
VIN2
Power Supply Input. The source of the high-side internal power MOSFET of Channel 1.
27
VIN1
Power Supply Input. The source of the high-side internal power MOSFET of Channel 1.
28
EN1
Enable Input for Channel 1. Drive EN1 high to turn on the Channel 1 converter and drive EN1 low to turn off
Channel 1. Tie EN1 to VDD for startup with VDD. With multiphase configurations, connect EN1 to EN2.
29
PGOOD1
Open-Drain Power Good Output for Channel 1. Place a 100 kΩ pull-up resistor to VDD or any other voltage ≤ 5.5 V;
PGOOD1 pulls low when Channel 1 is out of regulation.
30
SS1
Soft Start Input for Channel 1. Place a capacitor from SS1 to GND to set the soft start period. A 10 nF capacitor
sets a 1 ms soft start period. For multiphase configuration, connect SS1 to SS2.
31
V1SET
Output Voltage Set Pin for Channel 1. Connect this pin through a resistor to GND or tie to VDD to select a fixed
output voltage option (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, or 3.3 V) or an adjustable output voltage for VOUT1. See Table 4
for output voltage selection.
32
FB1
Feedback Voltage Input for Channel 1. For the fixed output voltage option, connect FB1 to VOUT1. For the
adjusted output voltage option, connect this pin to a resistor divider between VOUT1 and GND. With multiphase
configurations, connect FB1 to FB2 and then connect them to VOUT.
EPAD (EP)
Exposed Thermal Pad. Connect to the signal/analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com