Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 1 Page - Analog Devices

  ADP2114 Datasheet HTML 1Page - Analog Devices ADP2114 Datasheet HTML 2Page - Analog Devices ADP2114 Datasheet HTML 3Page - Analog Devices ADP2114 Datasheet HTML 4Page - Analog Devices ADP2114 Datasheet HTML 5Page - Analog Devices ADP2114 Datasheet HTML 6Page - Analog Devices ADP2114 Datasheet HTML 7Page - Analog Devices ADP2114 Datasheet HTML 8Page - Analog Devices ADP2114 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Configurable, Dual 2 A/Single 4 A,
Synchronous Step-Down DC-to-DC Regulator
ADP2114
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Configurable 2 A/2 A or 3 A/1 A dual output load
combinations or 4 A combined single output
High efficiency: up to 95%
Input voltage VIN: 2.75 V to 5.5 V
Selectable fixed output: 0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V or
adjustable output voltage to 0.6 V minimum
±1.5% accurate reference voltage
Selectable switching frequency: 300 kHz, 600 kHz, 1.2 MHz
or synchronized from 200 kHz to 2 MHz
Optimized gate slew rate for reduced EMI
External synchronization input or internal clock output
Dual-phase, 180° phase shifted PWM channels
Current mode for fast transient response
Pulse skip under light load or forced PWM operation
Input undervoltage lockout (UVLO)
Independent enable inputs and PGOOD outputs
Overcurrent and thermal overload protection
Externally programmable soft start
32-lead 5 mm × 5 mm LFCSP package
APPLICATIONS
Point of load regulation
Telecommunications and networking systems
Consumer electronics
Industrial and Instrumentation
Medical
GENERAL DESCRIPTION
The ADP2114 is a versatile, synchronous step-down, switching
regulator that satisfies a wide range of customer point-of-load
requirements. The two PWM channels can be configured to
deliver independent outputs at 2 A and 2 A (or 3 A/1 A) or can be
configured as a single interleaved output capable of delivering 4 A.
The two PWM channels are 180º phase shifted to reduce input
ripple current and to reduce input capacitance.
The ADP2114 provides high efficiency and operates at switching
frequencies of up to 2 MHz. At light loads, the ADP2114 can be
set to operate in pulse skip mode for higher efficiency or in forced
PWM mode to reduce EMI.
The ADP2114 is designed with an optimized gate slew rate to reduce
EMI emissions, allowing it to power sensitive, high performance
signal chain circuits. The switching frequency can be set to 300 kHz,
600 kHz, or 1.2 MHz and can be synchronized to an external clock
that minimizes the system noise. The bidirectional synchronization
pin is also configurable as a 90° out-of-phase output clock, providing
the possibility for a stackable multiphase power solution.
TYPICAL APPLICATION CIRCUIT
22kΩ
1.2nF
22kΩ
1.2nF
47µF
VOUT1 = 3.3V, 2A
fSW = 600kHz
4.7µH
47µF
22µF
22µF
1µF
22µF
VOUT2 = 1.8V, 2A
2.2µH
VIN = 5V
10Ω
100kΩ
100kΩ
47kΩ
V1SET
15kΩ
VIN1
VIN2
VIN3
SW1
SW2
FB1
COMP1
SS1
EN1
COMP2
PGND4
PGND3
FB2
V2SET
SYNC/CLKOUT
SW4
SW3
VIN6
VIN5
VIN4
EN2
PGOOD2
ADP2114
PGOOD2
SYNC
PGOOD1
8.2kΩ
SS2
10nF
10nF
PGND1
PGND2
PGOOD1
Figure 1.
The ADP2114 input voltage range is from 2.75 V to 5.5 V, and it
converts to fixed outputs of 0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, or
3.3 V that can be set independently for each channel using
external resistors. Using a resistor divider, it is also possible to
set the output voltage as low as 0.6 V. The ADP2114 operates
over the −40°C to +125°C junction temperature range.
100
70
75
80
85
90
95
0.01
0.1
1
3
LOAD CURRENT (A)
VIN = 5.0V; VOUT = 3.3V
VIN = 5.0V; VOUT = 1.8V
VIN = 3.3V; VOUT = 1.8V
Figure 2. Typical Efficiency vs. Load Current


Similar Part No. - ADP2114

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2116-EVALZ AD-ADP2116-EVALZ Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2116ACPZ-R7 AD-ADP2116ACPZ-R7 Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
ADP2118ACPZ-1.0-R7 AD-ADP2118ACPZ-1.0-R7 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
More results

Similar Description - ADP2114

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2119 AD-ADP2119 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com