Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 20Page - Analog Devices ADP2114 Datasheet HTML 21Page - Analog Devices ADP2114 Datasheet HTML 22Page - Analog Devices ADP2114 Datasheet HTML 23Page - Analog Devices ADP2114 Datasheet HTML 24Page - Analog Devices ADP2114 Datasheet HTML 25Page - Analog Devices ADP2114 Datasheet HTML 26Page - Analog Devices ADP2114 Datasheet HTML 27Page - Analog Devices ADP2114 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADP2114
Rev. 0 | Page 24 of 40
CONVERTER CONFIGURATION
SELECTING THE OUTPUT VOLTAGE
To set the output voltage, VOUT1 (VOUT2), select one of the six
fixed voltages, as shown in Table 4, by connecting the V1SET
(V2SET) pin to GND through an appropriate value resistor (see
Figure 70). V1SET and V2SET set the voltage output levels for
Channel 1 and Channel 2, respectively. The feedback pin FB1
(FB2) should be directly connected to VOUT1 (VOUT2).
Table 4. Output Voltage Programming
RV1SET (Ω) ± 5%
VOUT1 (V)
RV2SET (Ω) ± 5%
VOUT2 (V)
0 to GND
0.8
0 to GND
0.8
4.7 k to GND
1.2
4.7 k to GND
1.2
8.2 k to GND
1.5
8.2 k to GND
1.5
15 k to GND
1.8
15 k to GND
1.8
27 k to GND
2.5
27 k to GND
2.5
47 k to GND
3.3
47 k to GND
3.3
82 k to GND
0.6 to <1.6
(adjustable)
82 k to GND
0.6 to <1.6
(adjustable)
0 to VDD
1.6 to 3.3
(adjustable)
0 to VDD
1.6 to 3.3
(adjustable)
If the required output voltage VOUT1 (VOUT2) is in the adjustable
range, from 0.6 V to less than 1.6 V, connect V1SET (V2SET)
through an 82 kΩ resistor to GND. For the adjustable output
voltage range of 1.6 V to 3.3 V, tie V1SET (V2SET) to VDD (see
Table 4). The adjustable output voltage of ADP2114 is externally
set by a resistive voltage divider from the output voltage to the
feedback pin (see Figure 71). The ratio of the resistive voltage
divider sets the output voltage, while the absolute value of those
resistors sets the divider string current. For lower divider string
currents, the small 10 nA (0.1 μA maximum) FB bias current
should be taken into account when calculating the resistor
values. The FB bias current can be ignored for a higher divider
string current; however, this degrades efficiency at very light loads.
To limit output voltage accuracy degradation due to FB bias
current to less than 0.05% (0.5% maximum), ensure that the
divider string current is greater than 20 μA. To calculate the
desired resistor values, first determine the value of the bottom
divider string resistor, R1, by
R1 = VREF/ISTRING
(2)
where:
VREF is 0.6 V, the internal reference.
ISTRING is the resistor divider string current.
When R1 is determined, calculate the value of the top resistor,
R2, by
⎥
⎦
⎤
⎢
⎣
⎡
−
=
REF
REF
OUT
V
V
V
R1
R2
(3)
VOUT1/VOUT2
L
RV1SET/
RV2SET
VIN
RFREQ
GND
V1SET/
V2SET
VINx
SWx
FB1/FB2
PGNDx
COMP1/
COMP2
ADP2114
Figure 70. Configuration for Fixed Outputs
VOUT1/VOUT2
L
R2
R1
RV1SET/
RV2SET
VIN
RFREQ
GND
V1SET/
V2SET
VINx
SWx
FB1/FB2
PGNDx
COMP1/
COMP2
ADP2114
Figure 71. Configuration for Adjustable Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com