Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 31Page - Analog Devices ADP2114 Datasheet HTML 32Page - Analog Devices ADP2114 Datasheet HTML 33Page - Analog Devices ADP2114 Datasheet HTML 34Page - Analog Devices ADP2114 Datasheet HTML 35Page - Analog Devices ADP2114 Datasheet HTML 36Page - Analog Devices ADP2114 Datasheet HTML 37Page - Analog Devices ADP2114 Datasheet HTML 38Page - Analog Devices ADP2114 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
ADP2114
Rev. 0 | Page 35 of 40
POWER DISSIPATION, THERMAL CONSIDERATIONS
Power dissipated by the ADP2114 dual switching regulator is a
major factor that affects the efficiency of the two dc-to-dc
converters. The efficiency is given by
Transition losses occur because the P-channel power MOSFET
cannot be turned on or off instantaneously. The amount of
transition loss is calculated by
100%
×
=
IN
OUT
P
P
Efficiency
(21)
PTRAN = VIN × IOUT × (tRISE + tFALL) × fSW
(26)
where tRISE and tFALL are the rise time and the fall time of the
switching node, SW. In the ADP2114, the rise and fall times of
the switching node are in the order of 5 ns.
where:
PIN is the input power.
POUT is the output power.
Power loss is given by PLOSS = PIN − POUT.
The power dissipated by the regulator increases the die junction
temperature, TJ, above the ambient temperature, TA.
The power loss of the step-down dc-to-dc converter is
approximated by
TJ = TA + TR
(27)
PLOSS = PD + PL
(22)
where the temperature rise, TR, is proportional to the power
dissipation in the package, PD.
where:
PD is the power dissipation on the ADP2114.
PL is the inductor power losses.
The proportionality coefficient is defined as the thermal resistance
from the junction of the die to the ambient temperature.
TR = θJA × PD
(28)
The inductor losses are estimated (without core losses) by
PL
IOUT2 × DCRL
(23)
≅
where θJA is the junction-ambient thermal resistance (34°C/W
for the JEDEC 1S2P board, see Table 2).
where:
IOUT is the dc load current.
DCRL is the inductor series resistance.
When designing an application for a particular ambient
temperature range, calculate the expected ADP2114 power
dissipation (PD) due to conductive, switching, and transition
losses of both channels by using Equation 24, Equation 25,
and Equation 26 and estimate the temperature rise by using
Equation 27 and Equation 28. The reliable operation of the
two converters can be achieved only if the estimated die junction
temperature of the ADP2114 (Equation 27) is less than 125°C.
Therefore, at higher ambient temperatures, reduce the power
dissipation of the system. Figure 83 provides the power derating
for the elevated ambient temperature at different air flow
conditions. The area below the curves is the safe operation area
for ADP2114 dual regulators.
The ADP2114 power dissipation, PD, includes the power switch
conductive losses, the switch losses, and the transition losses of
each channel.
The power switch conductive losses are due to the output current,
IOUT, flowing through the PMOSFET and the NMOSET power
switches that have internal resistance, RDSON. The amount of
conductive power loss is found by
PCOND = [RDSON-P × D + RDSON-N × (1 − D)] × IOUT2
(24)
where the duty-cycle, D, = VOUT/VIN.
Switching losses are associated with the current drawn by the
driver to turn on and turn off the power devices at the switching
frequency. The amount of switching power loss is given by
PSW = (CGATE-P + CGATE-N) × VIN2 × fSW
(25)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
70
115
100
85
AMBIENT TEMPERATURE (°C)
AIR VELOCITY = 0 LFM
AIR VELOCITY = 200 LFM
AIR VELOCITY = 500 LFM
where:
CGATE-P is the PMOSFET gate capacitance.
CGATE-N is the NMOSFET gate capacitance.
Figure 83. Power Dissipation Derating (JEDEC 1S2P Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com