Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 14Page - Analog Devices ADP2114 Datasheet HTML 15Page - Analog Devices ADP2114 Datasheet HTML 16Page - Analog Devices ADP2114 Datasheet HTML 17Page - Analog Devices ADP2114 Datasheet HTML 18Page - Analog Devices ADP2114 Datasheet HTML 19Page - Analog Devices ADP2114 Datasheet HTML 20Page - Analog Devices ADP2114 Datasheet HTML 21Page - Analog Devices ADP2114 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADP2114
Rev. 0 | Page 18 of 40
CH3 5.0V
CH1 5.0V
CH4 5.0V
M1.0µs
A CH3
3.0V
3
1
4
INTERNAL CLKOUT
CHANNEL 2 SW
CHANNEL 1 SW
Figure 59. Internal Clock Out, fSW = 600 kHz, fCLKOUT = 1.2 MHz
CH3 2.0V
CH1 2.0V
CH2 2.0V
CH4 2.0V
M1.0µs
A CH1
2.0V
2
3
4
1
CHANNEL 3 SW
CHANNEL 1 SW
CHANNEL 2 SW
CHANNEL 4 SW
Figure 60. 4-Channel Operation, Two ADP2114s, One Synchronizes Another,
90° Phase-Shifted Switch Nodes
CH3 5.0V
CH1 5.0V
CH2 1.0V
CH4 2.0V
M200µs
A CH1
3.5V
2
3
4
1
VOUT2
EN2
PGOOD2
SW
Figure 61. Power Good Signal
CH3 5.0V
CH1 5.0V
CH2 1.0A
CH4 1.0A
M1.0µs
A CH1
1.9V
2
3
4
1
INDUCTOR CURRENT, PHASE 2
INDUCTOR CURRENT, PHASE 1
PHASE 2 SW
PHASE 1 SW
Figure 62. Combined Dual-Phase Output Operation,
VOUT = 1.2 V, fSW = 1.1 MHz, 4 A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com