Electronic Components Datasheet Search
  English  ▼

X  

ADP2114 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2114
Description  Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2114 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2114 Datasheet HTML 6Page - Analog Devices ADP2114 Datasheet HTML 7Page - Analog Devices ADP2114 Datasheet HTML 8Page - Analog Devices ADP2114 Datasheet HTML 9Page - Analog Devices ADP2114 Datasheet HTML 10Page - Analog Devices ADP2114 Datasheet HTML 11Page - Analog Devices ADP2114 Datasheet HTML 12Page - Analog Devices ADP2114 Datasheet HTML 13Page - Analog Devices ADP2114 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADP2114
Rev. 0 | Page 10 of 40
250
225
200
175
150
125
100
75
50
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
fSW = 300kHz
fSW = 600kHz
fSW = 1.2MHz
Figure 14. Minimum On-Time, Open Loop, Includes Dead Time
350
330
310
290
270
230
250
210
190
170
150
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
fSW = 300kHz
fSW = 600kHz
fSW = 1.2MHz
Figure 15. Minimum Off-Time, Open Loop, Includes Dead Time
120
100
0
20
40
60
80
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
–40°C
+25°C
+85°C
+115°C
+125°C
Figure 16. High-Side PMOS Resistance vs. Input Voltage, Includes Bond Wires
330
320
310
300
290
280
270
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
Figure 17. Switching Frequency vs. Input Voltage, fSW = 300 kHz
660
640
620
600
580
560
540
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VIN (V)
Figure 18. Switching Frequency vs. Input Voltage, fSW = 600 kHz
80
70
0
10
20
30
40
50
60
VIN (V)
–40°C
+25°C
+85°C
+115°C
+125°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 19. Low-Side NMOS Resistance vs. Input Voltage, Includes Bond Wires



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com