Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 23Page - Exar Corporation XRT86VL30 Datasheet HTML 24Page - Exar Corporation XRT86VL30 Datasheet HTML 25Page - Exar Corporation XRT86VL30 Datasheet HTML 26Page - Exar Corporation XRT86VL30 Datasheet HTML 27Page - Exar Corporation XRT86VL30 Datasheet HTML 28Page - Exar Corporation XRT86VL30 Datasheet HTML 29Page - Exar Corporation XRT86VL30 Datasheet HTML 30Page - Exar Corporation XRT86VL30 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 188 page
background image
XRT86VL30
22
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
1
CRC-4 Bits Source Sel
R/W
0
CRC-4 Bits Source Select
This bit permits the user to specify the source of the CRC-4 bits,
within the outbound E1 data-stream, as depicted below.
0 - Configures the Transmit E1 Framer block to internally compute
and insert the CRC-4 bits within the outbound E1 data-stream.
1 - Configures the Transmit E1 Framer block to externally accept
data from the TxSer_n input pin, and to insert this data into the CRC-
4 bits within the outbound E1 data-stream.
NOTE: This bit is ignored if CRC Multiframe Alignment is disabled
0
Framing Alignment Pat-
tern Source Select
R/W
0
Framing Alignment Pattern Source Select
This bit permits the user to specify the source of the various “Fram-
ing Alignment” bits (which includes the FAS bits, the CRC Multiframe
Alignment bits, the E and A bits).
0 - Configures the Transmit E1 Framer block to internally generate
and insert these various framing alignment bits into the outbound E1
data-stream.
1 - Configures the Transmit E1 Framer block to externally accept
data from the TxSer_n input pin, and to insert this data into the FAS,
CRC Multiframe, E and A bits within the outbound E1 data-stream.
NOTE: Users can specify the source for E-bits in register bits 6-7
within this register if Transmit E1 Framer is configured to
internally generate the various framing alignment bits (i.e.
this bit set to’0’).
TABLE 6: SYNCHRONIZATION MUX REGISTER (SMR)
HEX ADDRESS: 0X0109
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com