Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 77 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 77 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 73Page - Exar Corporation XRT86VL30 Datasheet HTML 74Page - Exar Corporation XRT86VL30 Datasheet HTML 75Page - Exar Corporation XRT86VL30 Datasheet HTML 76Page - Exar Corporation XRT86VL30 Datasheet HTML 77Page - Exar Corporation XRT86VL30 Datasheet HTML 78Page - Exar Corporation XRT86VL30 Datasheet HTML 79Page - Exar Corporation XRT86VL30 Datasheet HTML 80Page - Exar Corporation XRT86VL30 Datasheet HTML 81Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 188 page
background image
XRT86VL30
72
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 57: RECEIVE DATA LINK BYTE COUNT REGISTER (RDLBCR2)
HEX ADDRESS: 0X0145
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
RBUFPTR
R/W
0
Receive HDLC2 Buffer-Pointer
This bit Identifies which Receive HDLC2 buffer contains the most
recently received HDLC2 message.
0 - Indicates that Receive HDLC2 Buffer # 0 contains the contents of
the most recently received HDLC message.
1 - Indicates that Receive HDLC2 Buffer # 1 contains the contents of
the most recently received HDLC message.
6-0
RDLBC[6:0]
R/W
0000000
Receive HDLC Message - byte count
The exact function of these bits depends on whether the Receive
HDLC Controller Block #2 is configured to receive MOS or BOS
messages.
In BOS Mode:
These seven bits contain the number of repetitions the BOS mes-
sage must be received before the Receive HDLC2 controller gener-
ates the Receive End of Transfer (RxEOT) interrupt. If these bits are
set to “0000000”, the message will be received indefinitely and no
Receive End of Transfer (RxEOT) interrupt will be generated.
In MOS Mode:
These seven bits contain the size in bytes of the HDLC2 message
that has been received and written into the Receive HDLC buffer.
The length of MOS message shown in these bits include header
bytes such as the SAPI, TEI, Control field, AND the FCS bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com