Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 87 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 87 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 83Page - Exar Corporation XRT86VL30 Datasheet HTML 84Page - Exar Corporation XRT86VL30 Datasheet HTML 85Page - Exar Corporation XRT86VL30 Datasheet HTML 86Page - Exar Corporation XRT86VL30 Datasheet HTML 87Page - Exar Corporation XRT86VL30 Datasheet HTML 88Page - Exar Corporation XRT86VL30 Datasheet HTML 89Page - Exar Corporation XRT86VL30 Datasheet HTML 90Page - Exar Corporation XRT86VL30 Datasheet HTML 91Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 188 page
background image
XRT86VL30
82
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
BITS [7:4] - Reserved
BITS [3:0] - Transmit BOC Message
These bits are used to store the BOC message to be transmitted out the National bits or Si International bit. Once the
message has been stored in this register, Bit 0 within the BOC Control Register is used to automatically transmit the
message.
NOTE: The TxBYTE Count register 0x0176h is used to set the number of repetitions for this BOC message before the all
ones sequence is sent out. The default is one repetition. To send a continuous pattern, set the TxBTYE Count to
zero.
BITS [7:0] - Transmit Byte Count Value
These bits are used to store the amount of repetitions the Transmit BOC message will be sent before an all ones
sequence. The default value is "1". If "0" is programmed into this register, the transmit BOC will be set continuously. To
stop a continuous transmission, the TxBYTE count should be progammed to a definite value, and then re-send the BOC
message.
TABLE 68: TRANSMIT SSM REGISTER (TSSMR 0X0175H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Reserved
TBOC[3:0]
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
0
TABLE 69: TRANSMIT SSM BYTE COUNT REGISTER (TSSMBCR 0X0176H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
TBCR[7:0]
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com