Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 87Page - Exar Corporation XRT86VL30 Datasheet HTML 88Page - Exar Corporation XRT86VL30 Datasheet HTML 89Page - Exar Corporation XRT86VL30 Datasheet HTML 90Page - Exar Corporation XRT86VL30 Datasheet HTML 91Page - Exar Corporation XRT86VL30 Datasheet HTML 92Page - Exar Corporation XRT86VL30 Datasheet HTML 93Page - Exar Corporation XRT86VL30 Datasheet HTML 94Page - Exar Corporation XRT86VL30 Datasheet HTML 95Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 188 page
background image
XRT86VL30
86
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
3-0
TxCond(3:0)
R/W
0000
Transmit Channel Conditioning for Timeslot 0 to 31
These bits allow the user to substitute the input PCM data (Octets 0-31) with
internally generated Conditioning Codes prior to transmission to the remote
terminal equipment on a per-channel basis. The table below presents the
different conditioning codes based on the setting of these bits.
NOTE:
Register address 0x0300 represents time slot 0, and address
0x031F represents time slot 31.
TABLE 74: TRANSMIT CHANNEL CONTROL REGISTER 0-31 (TCCR 0-31)
HEX ADDRESS: 0X0300 TO 0X031F
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TXCOND[1:0]
CONDITIONING CODES
0x0 / 0xE
Contents of timeslot octet are unchanged.
0x1
All 8 bits of the selected timeslot octet are inverted (1’s
complement)
OUTPUT = (TIME_SLOT_OCTET) XOR 0xFF
0x2
Even bits of the selected timeslot octet are inverted
OUTPUT = (TIME_SLOT_OCTET) XOR 0xAA
0x3
Odd bits of the selected time slot octet are inverted
OUTPUT = (TIME_SLOT_OCTET) XOR 0x55
0x4
Contents of the selected timeslot octet will be substituted
with the 8 -bit value in the Transmit
Programmable User Code Register (0x0320-0x0337),
0x5
Contents of the timeslot octet will be substituted with the
value 0x7F (BUSY Code)
0x6
Contents of the timeslot octet will be substituted with the
value 0xFF (VACANT Code)
0x7
Contents of the timeslot octet will be substituted with the
BUSY time slot code (111#_####), where ##### is the
Timeslot number
0x8
Contents of the timeslot octet will be substituted with the
MOOF code (0x1A)
0x9
Contents of the timeslot octet will be substituted with the
A-Law Digital Milliwatt pattern
0xA
Contents of the timeslot octet will be substituted with the
µ-Law Digital Milliwatt pattern
0xB
The MSB (bit 1) of input data is inverted
0xC
All input data except MSB is inverted
0xD
Contents of the timeslot octet will be substituted with the
PRBS X15 + X 14 + 1/QRTS pattern
NOTE: PRBS X15 + X 14 + 1 or QRTS pattern depends on
PRBSType selected in the register 0x0123 - bit 7
0xF
D/E time slot - The TxSIGDL[2:0] bits in the Transmit Sig-
naling and Data Link Select Register (0x010A) will deter-
mine the data source for D/E time slots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com