Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 86 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 86 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 82Page - Exar Corporation XRT86VL30 Datasheet HTML 83Page - Exar Corporation XRT86VL30 Datasheet HTML 84Page - Exar Corporation XRT86VL30 Datasheet HTML 85Page - Exar Corporation XRT86VL30 Datasheet HTML 86Page - Exar Corporation XRT86VL30 Datasheet HTML 87Page - Exar Corporation XRT86VL30 Datasheet HTML 88Page - Exar Corporation XRT86VL30 Datasheet HTML 89Page - Exar Corporation XRT86VL30 Datasheet HTML 90Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 188 page
background image
XRT86VL30
81
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
BITS [7:4] - Reserved
BITS [3:0] - Receive SSM Match 1
These bits can be used to set an expected value to be compared to the actual receive SSM message. This register is
one of three possible expected values that can be set. Upon a match of this register, an independent alarm will be set.
In addition, this register has a filter for consecutive message validation.
BITS [7:4] - Reserved
BITS [3:0] - Receive SSM Match 2
These bits can be used to set an expected value to be compared to the actual receive SSM message. This register is
one of three possible expected values that can be set. Upon a match of this register, an independent alarm will be set.
In addition, this register has a filter for consecutive message validation.
BITS [7:4] - Reserved
BITS [3:0] - Receive SSM Match 3
These bits can be used to set an expected value to be compared to the actual receive SSM message. This register is
one of three possible expected values that can be set. Upon a match of this register, an independent alarm will be set.
In addition, this register has a filter for consecutive message validation.
TABLE 65: RECEIVE SSM MATCH 1 REGISTER (RSSMMR1 0X0172H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Reserved
RSSMM1[3:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
TABLE 66: RECEIVE SSM MATCH 2 REGISTER (RSSMMR2 0X0173H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Reserved
RSSMM2[3:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
TABLE 67: RECEIVE SSM MATCH 3 REGISTER (RSSMMR3 0X0174H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Reserved
RSSMM3[3:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com