Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 84 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 84 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 80Page - Exar Corporation XRT86VL30 Datasheet HTML 81Page - Exar Corporation XRT86VL30 Datasheet HTML 82Page - Exar Corporation XRT86VL30 Datasheet HTML 83Page - Exar Corporation XRT86VL30 Datasheet HTML 84Page - Exar Corporation XRT86VL30 Datasheet HTML 85Page - Exar Corporation XRT86VL30 Datasheet HTML 86Page - Exar Corporation XRT86VL30 Datasheet HTML 87Page - Exar Corporation XRT86VL30 Datasheet HTML 88Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 188 page
background image
XRT86VL30
79
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
BIT 7 - BOC Source Select
This bit is used to select the source and destination of the BOC message. By default, the BOC will use the National Bits.
To use the Si International Bit, set this bit to ’1’. When a BOC message is enabled, it takes priority over the normal SaN
transmission. In addition, only one SaN register bit can be enabled at one time when transmitting BOC messages.
} 0 - Sa National Bits (Only one of the five Sa bits can be chosen for SSM transmission at a time, see register 0x010Ah)
} 1 - Si International Bits
BITS [6:5] - Receive Match Filter Bits
These bits are used to set the number of consecutive error free patterns that must be received before the receive Match
Event is set. This filter applies to all three Match Event alarms, but not for the RSSM alarm.
} 00 - None
} 01 - 3 consecutive patterns
} 10 - 5 consecutive patterns
} 11 - 7 consecutive patterns
BIT 4 - Receive BOC Enable
This bit is used to enable the BOC receiver. For clarification, BOC messages can only be processed through the
National bits or Si International bit.
} 0 - Disabled
} 1 - Enable Receive BOC
BIT 3 - BOC Reset
This bit is used to reset the receive BOC controller. The function of this bit is to reset all the BOC register values to their
default values, except the BOC Interrupt registers. This register bit is automatically set back to ’0’ so that the user only
needs to write ’1’ to send a subsequent reset.
} 1 - Reset BOC
BITS [2:1] -Receive BOC Filter Bits
These bits are used to set the number of consecutive error free patterns that must be received before the receive BOC
alarm indication is set and the RSSM Valid Register is updated. This filter does NOT apply to the RSSM Matching Event
registers. The 3 RSSM Matching Event Registers have a separate filter that applies equally to all three matching
registers. Therefore, there are a total of 2 filters.
} 00 - None
} 01 - 3 consecutive patterns
} 10 - 5 consecutive patterns
} 11 - 7 consecutive patterns
BIT 0 - Send BOC Message
This bit is used to transmit the stored BOC message in the transmit SSM register. This register bit is automatically set
back to ’0’ so that the user only needs to write ’1’ to send a subsequent BOC message.
} 0 - Normal Operation
} 1 - Send BOC Message
TABLE 63: SSM BOC CONTROL REGISTER (BOCCR 0X0170H)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
BOCSource
RMF[1:0]
RBOCE
BOCR
RBF[1:0]
SBOC
R/W
R/W
R/W
R/W
Auto Clear
R/W
R/W
Auto Clear
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com