Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 28 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 28 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 24Page - Exar Corporation XRT86VL30 Datasheet HTML 25Page - Exar Corporation XRT86VL30 Datasheet HTML 26Page - Exar Corporation XRT86VL30 Datasheet HTML 27Page - Exar Corporation XRT86VL30 Datasheet HTML 28Page - Exar Corporation XRT86VL30 Datasheet HTML 29Page - Exar Corporation XRT86VL30 Datasheet HTML 30Page - Exar Corporation XRT86VL30 Datasheet HTML 31Page - Exar Corporation XRT86VL30 Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 188 page
background image
XRT86VL30
23
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
TABLE 7: TRANSMIT SIGNALING AND DATA LINK SELECT REGISTER (TSDLSR)
HEX ADDRESS:0X010A
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
TxSa8ENB
R/W
0
Transmit Sa8 Enable
This bit specifies if the Sa8 bits (bit 7 within timeslot 0 of non-FAS frames) will be
involved in the transmission of Data Link Information.
0 = Sa8 will NOT be used to transport Data Link Information. Sa8 bits will be set to
“1” within the outbound E1 data-stream if the Sa8 bits are inserted from the trans-
mit serial input.
1 = Sa8 WILL be used to transport Data Link Information.
NOTE: Sa8 bits can be inserted from either the transmit serial input or register
depending on the Transmit SA Select Register (Register Address:
0x0130) setting. The data link interface uses Sa8 bits for transmission
only if Data Link source is from HDLC controller (DLSRC = b01 from
Register 0x0109) and if Sa8 bits are inserted from the transmit serial input
(TxSa8SEL = 0 from Register 0x0130).
6
TxSa7ENB
R/W
0
Transmit Sa7 Enable
This bit specifies if the Sa7 bits (bit 6 within timeslot 0 of non-FAS frames) will be
involved in the transmission of Data Link Information.
0 = Sa7 will NOT be used to transport Data Link Information. Sa7 bits will be set to
“1” within the outbound E1 data-stream if the Sa7 bits are inserted from the trans-
mit serial input.
1 = Sa7 WILL be used to transport Data Link Information.
NOTE: Sa7 bits can be inserted from either the transmit serial input or register
depending on the Transmit SA Select Register (Register Address:
0x0130) setting. The data link interface uses Sa8 bits for transmission
only if Data Link source is from HDLC controller (DLSRC = b01 from
Register 0x0109) and if Sa7 bits are inserted from the transmit serial input
(TxSa7SEL = 0 from Register 0x0130).
5
TxSa6ENB
R/W
0
Transmit Sa6 Enable
This bit specifies if the Sa6 bits (bit 5 within timeslot 0 of non-FAS frames) will be
involved in the transmission of Data Link Information.
0 = Sa6 will NOT be used to transport Data Link Information. Sa6 bits will be set to
“1” within the outbound E1 data-stream if the Sa6 bits are inserted from the trans-
mit serial input.
1 = Sa6 WILL be used to transport Data Link Information.
NOTE: Sa6 bits can be inserted from either the transmit serial input or register
depending on the Transmit SA Select Register (Register Address:
0x0130) setting. The data link interface uses Sa6 bits for transmission
only if Data Link source is from HDLC controller (DLSRC = b01 from
Register 0x0109) and if Sa6 bits are inserted from the transmit serial input
(TxSa6SEL = 0 from Register 0x0130).
4
TxSa5ENB
R/W
0
Transmit Sa5 Enable
This bit specifies if the Sa5 bits (bit 4 within timeslot 0 of non-FAS frames) will be
involved in the transmission of Data Link Information.
0 = Sa5 will NOT be used to transport Data Link Information. Sa5 bits will be set to
“1” within the outbound E1 data-stream if the Sa5 bits are inserted from the trans-
mit serial input.
1 = Sa5 WILL be used to transport Data Link Information.
Sa5 bits can be inserted from either the transmit serial input or register depending
on the Transmit SA Select Register (Register Address: 0x0130) setting. The data
link interface uses Sa5 bits for transmission only if Data Link source is from HDLC
controller (DLSRC = b01 from Register 0x0109) and if Sa5 bits are inserted from
the transmit serial input (TxSa5SEL = 0 from Register 0x0130).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com