Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 30Page - Exar Corporation XRT86VL30 Datasheet HTML 31Page - Exar Corporation XRT86VL30 Datasheet HTML 32Page - Exar Corporation XRT86VL30 Datasheet HTML 33Page - Exar Corporation XRT86VL30 Datasheet HTML 34Page - Exar Corporation XRT86VL30 Datasheet HTML 35Page - Exar Corporation XRT86VL30 Datasheet HTML 36Page - Exar Corporation XRT86VL30 Datasheet HTML 37Page - Exar Corporation XRT86VL30 Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 188 page
background image
XRT86VL30
29
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
2-0
RxSIGDL[2:0]
R/W
000
Receive Signaling and Datalink Select[2:0]:
These bits specify the destination for the data that is to be extracted via D/E
channel, National Bits in timeslot 0 of the non-FAS frames, and Timeslot 16 in
the outbound frames. The table below presents the settings of these three
RxSIGDL bits in detail.
TABLE 9: RECEIVE SIGNALING & DATA LINK SELECT REGISTER (RSDLSR)
HEX ADDRESS: 0X010C
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
RXSIGDL
[2:0]
D/E CHANNEL
NATIONAL BITS
TIME SLOT 16
000
RxFrTD_n or the
RxSer_n
output pin
Data Link
RxSER_n output pin
001
RxFrTD_n or the
RxSer_n
output pin
Data Link
CAS signaling is enabled. Time
Slot 16 can be extracted to any
of the following:
• RxSer_n output pin
• RSAR Register
(0x0500-0x051F)
• RxOH_n output pin on time
slot 16 only
• RxSIG_n output pin on every
time slot
010
RxFrTD_n or the
RxSer_n
output pin
Data Link
forced to All
Ones
Time Slot 16 can be extracted
to any of the following:
• RxSer_n output pin
• RSAR Register
(0x0500-0x051F)
• RxOH_n output pin on time
slot 16 only
• RxSIG_n output pin on time
slot 16 only
011
RxFrTD_n or the
RxSer_n
output pin
Data Link
forced to All
Ones
CAS signaling is enabled. Time
Slot 16 can be extracted to any
of the following:
• RxSer_n output pin
• RSAR Register
(0x0500-0x051F)
• RxOH_n output pin on time
slot 16 only
RxSIG_n output pin on every
time slot
100
RxSIG_n or the
RxSer_n
output pin
Data Link
RxSER_n output pin
101/110/
111
Not Used
Not Used
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com