Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 78Page - Exar Corporation XRT86VL30 Datasheet HTML 79Page - Exar Corporation XRT86VL30 Datasheet HTML 80Page - Exar Corporation XRT86VL30 Datasheet HTML 81Page - Exar Corporation XRT86VL30 Datasheet HTML 82Page - Exar Corporation XRT86VL30 Datasheet HTML 83Page - Exar Corporation XRT86VL30 Datasheet HTML 84Page - Exar Corporation XRT86VL30 Datasheet HTML 85Page - Exar Corporation XRT86VL30 Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 188 page
background image
XRT86VL30
77
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
BERT Pattern Definitions
3 in 24
0001 0001 0000 0001 0000 0000 ...
1 in 8
0000 0010 ...
55 Octet (Unframed)
This pattern is shown in HEX format for simplification purposes.
01 01 01 01 01 01 80 01 01 01 01 01 01 03 01 01 01 01 07 01 01 01 01 55 55 55 55 AA AA AA AA 01 01 01 01
01 01 FF FF FF FF FF FF 80 01 80 01 80 01 80 01 80 01 80 01 ...
Daly Pattern (Framed)
This pattern is shown in HEX format for simplification purposes.
01 01 01 01 01 01 80 01 01 01 01 01 01 03 01 01 01 01 07 01 01 01 01 55 55 55 55 AA AA AA AA 01 01 01 01
01 01 FF FF FF FF FF FF 80 01 80 01 80 01 80 01 80 01 80 01 ...
TABLE 61: BERT CONTROL REGISTER (BCR)
HEX ADDRESS: 0X0163
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-4
Reserved
R/W
0
Reserved
3-0
BERT[3:0]
R/W
0000
BERT Pattern Select
0010 =PRBS X20 + X3 + 1
0011 = QRSS X20 + X17 + 1
0100 = All Ones
0101 = All Zeros
0110 = 3 in 24
0111 = 1 in 8
1000 = 55 Octet Pattern
1001 = Daly Pattern
1010 = PRBS X20 + X17 + 1
Others = Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com