Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 65 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 65 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 61Page - Exar Corporation XRT86VL30 Datasheet HTML 62Page - Exar Corporation XRT86VL30 Datasheet HTML 63Page - Exar Corporation XRT86VL30 Datasheet HTML 64Page - Exar Corporation XRT86VL30 Datasheet HTML 65Page - Exar Corporation XRT86VL30 Datasheet HTML 66Page - Exar Corporation XRT86VL30 Datasheet HTML 67Page - Exar Corporation XRT86VL30 Datasheet HTML 68Page - Exar Corporation XRT86VL30 Datasheet HTML 69Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 188 page
background image
XRT86VL30
60
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
2
LB1ENB
R/W
0
Local Loopback 1 auto enable
This bit enables or disables local loopback mode when the National
bits (Sa5, Sa6) and the A bit (remote alarm bit) received from the
transmit backplane interface follows a specific pattern.
Local loopback is activated when the National Bits (Sa5, Sa 6) and
A bit (remote alarm bit) follow the following pattern from the transmit
serial input. (TxSER_n pin)
Sa5 = 00000000 occur for 8 consecutive times
Sa6 = 11111111
occur for 8 consecutive times
A
= 11111111
occur for 8 consecutive times
NOTE:
This feature only works if Sa bits are provided from the
transmit serial input pin (TxSER_n)
1
LB2ENB
R/W
0
Local Loopback 2 auto enable
This bit enables or disables local loopback mode when the National
bits (Sa5, Sa6) received from the transmit backplane interface fol-
lows a specific pattern.
Local loopback is activated when the National Bits (Sa5, Sa 6) and
A bit (remote alarm bit) follow the following pattern from the transmit
serial input. (TxSER_n pin)
Sa5 = 00000000 occur for 8 consecutive times, and
Sa6 = 10101010 occur for 8 consecutive times, and
A
= 11111111
occur for 8 consecutive times
NOTE:
This feature only works if Sa bits are provided from the
transmit serial input pin (TxSER_n)
0
LBRENB
R/W
0
Local Loopback release enable
This bit releases the local loopback mode when the National bits
(Sa5, Sa6) received from the transmit backplane interface follows a
specific pattern.
Local loopback is released when the National Bits (Sa5, Sa 6) follow
the following pattern from the transmit serial input. (TxSER_n pin)
Sa5 = 00000000 occur for 8 consecutive times
Sa6 = 00000000 occur for 8 consecutive times
NOTE:
This feature only works if Sa bits are provided from the
transmit serial input pin (TxSER_n)
TABLE 40: TRANSMIT Sa SELECT REGISTER (TSASR)
HEX ADDRESS: 0X0130
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com