Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 27Page - Exar Corporation XRT86VL30 Datasheet HTML 28Page - Exar Corporation XRT86VL30 Datasheet HTML 29Page - Exar Corporation XRT86VL30 Datasheet HTML 30Page - Exar Corporation XRT86VL30 Datasheet HTML 31Page - Exar Corporation XRT86VL30 Datasheet HTML 32Page - Exar Corporation XRT86VL30 Datasheet HTML 33Page - Exar Corporation XRT86VL30 Datasheet HTML 34Page - Exar Corporation XRT86VL30 Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 188 page
background image
XRT86VL30
26
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 8: FRAMING CONTROL REGISTER (FCR)
HEX ADDRESS: 0X010B
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Reframe
R/W
0
Force Reframe
A ‘0’ to ‘1’ transition will force the Receive E1 Framer to restart the syn-
chronization process. This bit field is automatically cleared (set to 0)
after frame synchronization is reached.
6-5
Loss of CAS MF
Align_Sel [1:0]
R/W
10
Loss of CAS Multiframe Alignment Defect Declaration Criteria
Select [1:0]
These two bits permit the user to select the “Loss of CAS Multiframe
Alignment” defect declaration criteria. Loss of CAS Multiframe Align-
ment defect is declared based on the number of consecutive CAS mul-
tiframes with Multiframe Alignment signal received in error as indicated
in the table below.
NOTE:
These bits are active only if CAS Multiframe Alignment is
enabled.
4-3
Loss of CRC Multi-
frame Align_Sel[1:0]
R/W
00
Loss of CRC-4 Multiframe Alignment Defect Declaration Criteria
Select [1:0]
These two bits permit the user to select the “Loss of CRC-4 Multiframe
Alignment” defect declaration criteria for the Channel. The following
table presents the different CRC-4 Multiframe Algorithms in terms of
the number of consecutive erred CRC-4 multiframe alignments that the
E1 Receiver Framer will receive before it declares the “Loss of CRC-4
Multiframe Alignment” defect condition.
NOTE:
These bits are only active if CRC Multiframe Alignment is
enabled. If CRC multiframe alignment is not found in 8ms, the
E1 receive framer will restart the synchronization process.
NOTE: TBR-4 standard is enabled by writing to 0x0112, bit 6.
CASC[1:0]
LOSS OF CAS MULTIFRAME ALIGNMENT
DECLARATION CRITERIA
00
2 consecutive CAS Multiframes
01
3 consecutive CAS Multiframes
10
4 consecutive CAS Multiframes
11
8 consecutive CAS Multiframes
CRCC[1:0]
LOSS OF CRC-4 MULTIFRAME ALIGNMENT
DECLARATION CRITERIA
00
4 consecutive CRC-4 Multiframes Alignment
01
2 consecutive CRC-4 Multiframes Alignment
10
8 consecutive CRC-4 Multiframes Alignment
11
If TBR-4 Standard is Enabled*:
4 consecutive CRC-4 Multiframe Alignment or 915
or more CRC-4 errors
If TBR-4 Standard is Disabled*:
915 or more CRC-4 errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com