Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 68 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 68 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 64Page - Exar Corporation XRT86VL30 Datasheet HTML 65Page - Exar Corporation XRT86VL30 Datasheet HTML 66Page - Exar Corporation XRT86VL30 Datasheet HTML 67Page - Exar Corporation XRT86VL30 Datasheet HTML 68Page - Exar Corporation XRT86VL30 Datasheet HTML 69Page - Exar Corporation XRT86VL30 Datasheet HTML 70Page - Exar Corporation XRT86VL30 Datasheet HTML 71Page - Exar Corporation XRT86VL30 Datasheet HTML 72Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 188 page
background image
XRT86VL30
63
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
TABLE 43: TRANSMIT Sa AUTO CONTROL REGISTER 2 (TSACR2)
HEX ADDRESS: 0X0132
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
AIS_1_ENB
R/W
0
AIS reception
This bit enables the automatic Sa-bit transmission upon detecting
AIS condition.
Upon detecting the AIS condition, E1 framer will transmit the Alarm
bit (A bit) as ‘1’, Sa5 bit as ‘1’, and Sa6 bit as ‘1’.
See
Table 44 for the transmit Sa5, Sa6, and A bit pattern upon
detecting AIS condition.
6
AIS_2_ENB
R/W
0
AIS reception
This bit enables the automatic Sa-bit transmission upon detecting
AIS condition.
Upon detecting the AIS condition, E1 framer will transmit the Alarm
bit (A bit) as ‘0’, Sa5 bit as ‘1’, and Sa6 bit as ‘1’.
See
Table 44 for the transmit Sa5, Sa6, and A bit pattern upon
detecting AIS condition.
5
Reserved
-
-
Reserved
4
Reserved
-
-
Reserved
3
CRCREP_ENB[1]
R/W
0
CRC report
These two bits enable the automatic Sa-bit transmission upon
detecting Far End Block Error (i.e. received E bit = 0).
Upon detecting the Far End Block Error (FEBE) condition, E1 framer
will transmit the Alarm bit (A bit) as ‘0’, Sa5 bit as ‘1’, Sa6 bit as
‘0000’, and E bit as ‘0’ pattern if these two bits are set to ‘01’.
If these two bits are set to ‘10’, E1 framer will transmit the Alarm bit
(A bit) as ‘0’, Sa5 bit as ‘0’, Sa6 bit as ‘0000’, and E bit as ‘0’ pattern
upon detecting the Far End Block Error (FEBE).
If these two bits are set to ‘11’, E1 framer will transmit the Alarm bit
(A bit) as ‘0’, Sa5 bit as ‘1’, Sa6 bit as ‘0001’, and E bit as ‘1’ pattern
upon detecting the Far End Block Error (FEBE).
See
Table 44 for the transmit Sa5, Sa6, E, and A bit pattern upon
detecting FEBE condition.
2
CRCREP_ENB[0]
R/W
0
1
CRCDET_ENB
R/W
0
CRC detection
This bit enables the automatic Sa-bit transmission upon detecting
CRC-4 error condition.
Upon detecting CRC-4 error condition, E1 framer will transmit the
Alarm bit (A bit) as ‘0’, Sa5 bit as ‘1’, Sa6 bit as ‘0010’, and E bit as
‘1’ pattern.
See
Table 44 for the transmit Sa5, Sa6, E, and A bit pattern upon
detecting CRC-4 error condition.
0
CRCREC AND
DET_ENB
R/W
0
CRC report and detect
This bit enables automatic Sa-bit transmission upon detecting both
Far End Block Error (FEBE) and CRC-4 error conditions.
Upon detecting both Far End Block Error (FEBE) and CRC-4 error
condition, E1 framer will transmit the Alarm bit (A bit) as ‘0’, Sa5 bit
as ‘1’, Sa6 bit as ‘0011’, and E bit as ‘1’ pattern.
See
Table 44 for the transmit Sa5, Sa6, E, and A bit pattern upon
detecting both FEBE and CRC-4 error conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com