Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 94 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 94 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 90Page - Exar Corporation XRT86VL30 Datasheet HTML 91Page - Exar Corporation XRT86VL30 Datasheet HTML 92Page - Exar Corporation XRT86VL30 Datasheet HTML 93Page - Exar Corporation XRT86VL30 Datasheet HTML 94Page - Exar Corporation XRT86VL30 Datasheet HTML 95Page - Exar Corporation XRT86VL30 Datasheet HTML 96Page - Exar Corporation XRT86VL30 Datasheet HTML 97Page - Exar Corporation XRT86VL30 Datasheet HTML 98Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 188 page
background image
XRT86VL30
89
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
NOTE: The default value for register address 0x0340 = 0x01, 0x0341-0x034F = 0xD0, 0x0350 = 0xB3, 0x0351-0x035F =
0xD0
1
TxSIGSRC[1]
R/W
See Note Channel signaling control
These bits determine the source for signaling information. The table
below presents the different sources for signaling information corre-
sponding to different settings of these two bits.
0
TxSIGSRC[0]
R/W
See Note
TABLE 76: TRANSMIT SIGNALING CONTROL REGISTER 0-31 (TSCR 0-31)
HEX ADDRESS: 0X0340 TO 0X035F
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TXSIGSRC[1:0]
SIGNALING SOURCE SELECTED
00
Signaling data is inserted from input PCM
data (TxSERn pin)
01
Signaling data is inserted from this register
(TSCRs).
10
Signaling data is inserted from the transmit
Overhead input pin (TxOH_n) if XRT86VL30
is configured in the base rate configuration
and if the Transmit Signaling Interface bit is
disabled. (i.e. TxMUXEN bit = 0, TxI-
MODE[1:0] = 00, and TxFr2048 bit = 0 in the
Transmit Interface Control Register (TICR)
Register 0x0120).
If the Transmit Signaling Interface bit is
enabled (i.e. TxFr2048 bit = 1 in the Trans-
mit Interface Control Register (TICR) Regis-
ter 0x0120), signaling data will be inserted
from the Transmit Signaling input pin
(TxSIG_n)
11
No signaling data is inserted into the input
PCM data. Setting these two bits to ‘11’ will
configure the xyxx bits only, where x bits are
inserted from this register (TSCR) and y bit
reflects the alarm condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com