Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL30 Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 75Page - Exar Corporation XRT86VL30 Datasheet HTML 76Page - Exar Corporation XRT86VL30 Datasheet HTML 77Page - Exar Corporation XRT86VL30 Datasheet HTML 78Page - Exar Corporation XRT86VL30 Datasheet HTML 79Page - Exar Corporation XRT86VL30 Datasheet HTML 80Page - Exar Corporation XRT86VL30 Datasheet HTML 81Page - Exar Corporation XRT86VL30 Datasheet HTML 82Page - Exar Corporation XRT86VL30 Datasheet HTML 83Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 188 page
background image
XRT86VL30
74
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
2
Tx_IDLE
R/W
0
Transmit Idle (Flag Sequence Byte)
This bit configures the Transmit HDLC Controller Block #3 to unconditionally
transmit a repeating string of Flag Sequence octets (0X7E) in the data link
channel to the Remote terminal. In normal conditions, the Transmit HDLC
Controller block will repeatedly transmit the Flag Sequence octet whenever
there is no MOS message to transmit to the remote terminal equipment.
However, if the user invokes this “Transmit Idle Sequence” feature, then the
Transmit HDLC Controller block will UNCONDITIONALLY transmit a repeat-
ing stream of the Flag Sequence octet (thereby overwriting all outbound
MOS data-link messages).
0 - Configures the Transmit HDLC Controller Block # 3 to transmit data-link
information in a “normal” manner.
1 - Configures the Transmit HDLC Controller block # 3 to transmit a repeat-
ing string of Flag Sequence Octets (0x7E).
NOTE: This bit is ignored if the Transmit HDLC3 controller is operating in the
BOS Mode - bit 0 (MOS/BOS) within this register is set to 0.
1
Tx_FCS_EN
R/W
0
Transmit LAPD Message with Frame Check Sequence (FCS)
This bit permits the user to configure the Transmit HDLC Controller block # 3
to compute and append FCS octets to the “back-end” of each outbound
MOS data-link message.
0 - Configures the Transmit HDLC Controller block # 3 to NOT compute and
append the FCS octets to the back-end of each outbound MOS data-link
message.
1 - Configures the Transmit HDLC Controller block # 3 TO COMPUTE and
append the FCS octets to the back-end of each outbound MOS data-link
message.
NOTE:
This bit is ignored if the transmit HDLC3 controller has been
configured to operate in the BOS mode - bit 0 (MOS/BOS) within this
register is set to 0.
0
MOS/BOS
R/W
0
Message Oriented Signaling/Bit Oriented Signaling Send
This bit permits the user to enable LAPD transmission through HDLC Con-
troller Block # 3 using either BOS (Bit-Oriented Signaling) or MOS (Mes-
sage-Oriented Signaling) frames.
0 - Transmit HDLC Controller block # 3 BOS message Send.
1 - Transmit HDLC Controller block # 3 MOS message Send.
NOTE: This is not an Enable bit. This bit must be set to "0" each time a BOS
is to be sent.
TABLE 58: DATA LINK CONTROL REGISTER (DLCR3)
HEX ADDRESS: 0X0153
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com