Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9122 Datasheet HTML 42Page - Analog Devices AD9122 Datasheet HTML 43Page - Analog Devices AD9122 Datasheet HTML 44Page - Analog Devices AD9122 Datasheet HTML 45Page - Analog Devices AD9122 Datasheet HTML 46Page - Analog Devices AD9122 Datasheet HTML 47Page - Analog Devices AD9122 Datasheet HTML 48Page - Analog Devices AD9122 Datasheet HTML 49Page - Analog Devices AD9122 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
AD9122
Rev. 0 | Page 46 of 56
Figure 73 shows a fifth-order, low-pass filter. A common-mode
choke is used between the I-V resistors and the remainder of
the filter. This removes the common-mode signal produced by
the DAC and prevents the common-mode signal from being
converted to a differential signal, which can appear as unwanted
spurious signals in the output spectrum. Splitting the first filter
capacitor into two and grounding the center point creates a
common-mode low-pass filter, providing additional common-
mode rejection of high frequency signals. A purely differential
filter can pass common-mode signals.
The control registers for controlling the I and Q auxiliary DACs
are in Register 0x42, Register 0x43, and Register 0x46.
Interfacing to Modulators
The AD9122 interfaces to the ADL537x family of modulators
with a minimal number of components. An example of the
recommended interface circuitry is shown in Figure 71.
The baseband inputs of the ADL537x family require a dc bias
of 500 mV. The nominal midscale output current on each output
of the DAC is 10 mA (½ the full-scale current). Therefore, a
single 50 Ω resistor to ground from each of the DAC outputs
results in the desired 500 mV dc common-mode bias for the
inputs to the ADL537x. The signal level can be reduced through
the addition of the load resistor in parallel with the modulator
inputs. The peak-to-peak voltage swing of the transmitted signal is
DRIVING THE ADL5375-15
The ADL5375-15 requires a 1500 mV dc bias and, therefore,
requires a slightly more complex interface than most other
Analog Devices, Inc, modulators. It is necessary to level shift
the DAC output from a 500 mV dc bias to the 1500 mV dc bias
that the ADL5375-15 requires. Level shifting can be achieved
with a purely passive network, as shown in Figure 72. In this
network, the dc bias of the DAC remains at 500 mV while the
input to the ADL5375-15 is 1500 mV. This passive, level shifting
network introduces approximately 2 dB of loss in the ac signal.
[]
[]
L
B
L
B
FS
SIGNAL
R
R
R
R
I
V
+
×
×
×
×
=
2
2
RBIP
50
Ω
RBIN
50
Ω
67
66
IBBN
IBBP
AD9122
ADL537x
RBQN
50
Ω
RBQP
50
Ω
59
58
RLI
100
Ω
RLQ
100
Ω
IOUT1N
IOUT1P
IOUT2P
IOUT2N
QBBP
QBBN
67
66
IBBN
IBBP
AD9122
ADL5375-15
59
58
21
22
9
10
RBIP
45.3
Ω
RBIN
45.3
Ω
RBQN
45.3
Ω
RBQP
45.3
Ω
RLIP
3480
Ω
RLIN
3480
Ω
RLQN
3480
Ω
RLQP
3480
Ω
IOUT1N
IOUT1P
IOUT2P
IOUT2N
QBBP
QBBN
RSIN
1k
Ω
RSIP
1k
Ω
RSQN
1k
Ω
RSQP
1k
Ω
5V
5V
Figure 71. Typical Interface Circuitry Between the AD9122 and the ADL537x
Family of Modulators
BASEBAND FILTER IMPLEMENTATION
Figure 72. Passive, Level Shifting Network for Biasing ADL5375-15
Most applications require a baseband anti-imaging filter between
the DAC and the modulator to filter out Nyquist images and
broadband DAC noise. The filter can be inserted between the
I-V resistors at the DAC output and the signal-level setting resistor
across the modulator input. Doing this establishes the input and
output impedances for the filter.
AD9122
50
Ω
50
Ω
33nH
33nH
2pF
56nH
56nH
140
Ω
6pF
3pF
3pF
22pF
22pF
ADL537x
Figure 73. DAC Modulator Interface with Fifth-Order, Low Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com