Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9122 Datasheet HTML 28Page - Analog Devices AD9122 Datasheet HTML 29Page - Analog Devices AD9122 Datasheet HTML 30Page - Analog Devices AD9122 Datasheet HTML 31Page - Analog Devices AD9122 Datasheet HTML 32Page - Analog Devices AD9122 Datasheet HTML 33Page - Analog Devices AD9122 Datasheet HTML 34Page - Analog Devices AD9122 Datasheet HTML 35Page - Analog Devices AD9122 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
AD9122
Rev. 0 | Page 32 of 56
WRITE POINTER
DACS
16
16
READ POINTER
32 BITS
32 BITS
÷ INT
DCI
DACCLK
DATA
DATA
PATHS
DATA
ASSEMBLER
INPUT
LATCH
REG 0
REG 1
REG 2
REG 3
REG 4
REG 5
REG 6
REG 7
Figure 44. Block Diagram of FIFO
Valid data is transmitted through the FIFO as long as the
FIFO does not overflow or become empty. Note that an over-
flow or empty condition of the FIFO is the same as the write
pointer and read pointer being equal. When both pointers are
equal, an attempt is made to read and write a single FIFO register
simultaneously. This simultaneous register access leads to
unreliable data transfer through the FIFO and must be avoided.
Nominally, data is written to the FIFO at the same rate that data
is read from the FIFO, which keeps the data level in the FIFO
constant. If data is written to the FIFO faster than data is read,
the data level in the FIFO increases. If the data is written to the
device slower than data is read, the data level in the FIFO decreases.
For optimum timing margin, the FIFO level should be maintained
near half full, which is the same as maintaining a difference of
four between the write pointer and read pointer values.
Resetting the FIFO Data Level
To maximize the timing margin between the DCI input and
the internal DAC data rate clock, the FIFO data level should be
initialized prior to beginning data transmission. The value of
the FIFO data level can be initialized in three ways; by resetting
the device, by strobing the FRAME input, and via a write sequence
to the serial port. The two preferred methods are by using of the
FRAME signal and by issuing a command.
As discussed in the Byte Interface Mode and Nibble Interface
Mode sections, the FRAME input is used as a data select signal
that indicates to which DACs the input data is written. The second
function of the FRAME input is initializing the FIFO data level
value. This is done by asserting the FRAME signal high for at
least the time interval needed to load complete data to the I and
Q DACs. This corresponds to one DCI period in word mode,
two DCI periods in byte mode, and four DCI periods in nibble
mode. When FRAME is asserted in this manner, the write pointer
is set to 4 (by default or to the FIFO start level) the next time
the read pointer becomes 0 (see Figure 45).
0
1
2
3
4
5
6
7
0
1
2
3
3
4
5
6
7
0
1
2
4
5
6
7
FIFO WRITE RESETS
READ
POINTER
FRAME
WRITE
POINTER
Figure 45. Timing of the FRAME Input vs. Write Pointer Value
To initialize the FIFO data level through the serial port, Bit 1 of
Register 0x18 should be toggled from 0 to 1 and back. When the
write to the register is complete, the FIFO data level is initialized.
This method operates similar to the method previously described.
When the initialization is triggered, the next time the read
pointer becomes 0, the write pointer is set to the value of the FIFO
start level (Register 0x17, Bits[2:0]) variable upon initialization. By
default, this is 4 but can be programmed to a value of 0 to 7.
The recommended procedure for a serial port FIFO data level
initialization is as follows:
•
Request FIFO level reset by setting Register 0x18, Bit 1 to 1.
•
Verify the part acknowledges the request by ensuring
Register 0x18, Bit 2 is 1.
•
Remove the request by setting Register 0x18, Bit 1 to 0.
•
Verify the part drops the acknowledge signal by ensuring
Register 0x18, Bit 2 is 0.
Monitoring the FIFO Status
The FIFO initialization and status can be read from Register 0x18.
This register provides information on the FIFO initialization
method, and whether the initialization was successful. The MSB
of Register 0x18 is a FIFO warning flag that can optionally
trigger a device IRQ. This flag is an indication that the FIFO
is close to emptying (FIFO level is 1) or overflowing (FIFO level
is 7). This is an indication that data may soon be corrupted, and
action should be taken.
The FIFO data level can be read from Register 0x19 at any time.
The serial port reported FIFO data level is denoted as a 7-bit
thermometer code of the write counter state relative to the absolute
read counter being at 0. The optimum FIFO data level of 4 is
therefore reported as a value of 00001111 in the status register.
It should be noted that, depending on the timing relationship
between DCI and the main DACCLK, the FIFO level value can be
off by ±1 count. Therefore, it is important to keep the difference
between the read and write pointers to at least 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com