Electronic Components Datasheet Search
  English  ▼

X  

AD9122 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9122
Description  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9122 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9122 Datasheet HTML 29Page - Analog Devices AD9122 Datasheet HTML 30Page - Analog Devices AD9122 Datasheet HTML 31Page - Analog Devices AD9122 Datasheet HTML 32Page - Analog Devices AD9122 Datasheet HTML 33Page - Analog Devices AD9122 Datasheet HTML 34Page - Analog Devices AD9122 Datasheet HTML 35Page - Analog Devices AD9122 Datasheet HTML 36Page - Analog Devices AD9122 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AD9122
Rev. 0 | Page 33 of 56
INTERFACE TIMING
The timing diagram for the digital interface port is shown
in Figure 46. The sampling point of the data bus occurs about
350 ps after each edge of the DCI signal and has an uncertainty
of ±300 ps, as illustrated by the sampling interval shown in
Figure 46. The DATA and FRAME signals must be valid
throughout this sampling interval. The DATA and FRAME
signals may change at any time between sampling intervals.
The setup (tS) and hold (tH) times with respect to the edges
are shown in Figure 46. The minimum setup and hold times
are shown in Table 13.
DCI
DATA
tDATA
tDATA
SAMPLING
INTERVAL
SAMPLING
INTERVAL
tS
tS
tH
tH
Figure 46. Timing Diagram for Input Data Ports
Table 13. Data Port Setup and Hold Times
Parameter
Time (ps)
tS (MIN)
−50
tH (MIN)
650
The data interface timing can be verified by using the sample
error detection (SED) circuitry. See the Interface Timing
Validation section for details.
In data rate mode, a second timing constraint between DCI and
DACCLK must be met in addition to the DCI-to-DATA timing
shown in Table 14. In data rate mode, only one FIFO slot is being
used. The DCI to DACCLK timing restriction is required to
prevent data being written to and read from the FIFO slot at the
same time. The required timing between DCI and DACCLK is
shown in Figure 47.
DCI
DACCLK/
REFCLK
tDATA
tSDCI
tHDCI
SAMPLING
INTERVAL
Figure 47. Timing Diagram for Input Data Port (Data Rate Mode)
Table 14. Data Port Setup and Hold Times
Parameter
Time (ps)
tSDCI (MIN)
−120
tHDCI (MIN)
820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com